| Electronic Components Datasheet Search |
|
DSP56853 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56853 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc |
|
30 / 662 page ![]() 5685X Digital Signal Controller User Manual, Rev. 4 xxviii Freescale Semiconductor Manual Conventions Conventions used in this manual: • Bits within registers are always listed from Most Significant Bit (MSB) to Least Significant Bit (LSB). • Bits within a register are formatted AA[n:0] when more than one bit is involved in a description. For purposes of description, the bits are presented as if they are contiguous within a register. However, this is not always the case. Refer to the programming model diagrams or to the programmer’s sheets to see the exact location of bits within a register. • When a bit is described as set, its value is set to one. When a bit is described as cleared, its value is set to zero. • Pins or signals asserted low, made active when pulled to ground, have an over-bar above their name. For example, the SS0 pin is asserted low. • Hex values are indicated with a dollar sign ($) preceding the hex value, as follows: $FFFB is the X memory address for the Interrupt Priority Register (IPR). • Code examples follow in a single spaced font. • Pins or signals listed in code examples asserted as low have a tilde in front of their names. In the previous example, line three refers to the SS0 pin, shown as ~SS0. • The word reset is used in three different contexts in this manual. The word pin is a generic term for any pin on the chip. They are described as: — a reset pin is always written as RESET, in uppercase, using the over bar — the processor state occurs when the RESET pin is asserted. It is always written as Reset, with a capitalized first letter — the word reset refers to the reset function. It is written in lowercase, without italics, used here only for differentiation. The word may require a capital letter as style dictates, such as in headings and captions • The word assert means a high true (active high) signal is pulled high to VDD, or a low true (active low) signal is pulled low to ground. The word deassert means a high true signal is pulled low to ground, or a low true signal is pulled high to VDD. BFSET #$0007,X:PCC ; Configure: line 1 ; MISO0, MOSI0, SCK0 for SPI master line 2 ; ~SS0 as PC3 for GPIO line 3 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |