Electronic Components Datasheet Search
  English  ▼

X  

DSP56853 Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # DSP56853
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56853 Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button DSP56853 Datasheet HTML 44Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 45Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 46Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 47Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 48Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 49Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 50Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 51Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 662 page
background image
56800E Core Description
5685X Digital Signal Controller User Manual, Rev. 4
1-16
Freescale Semiconductor
Figure 1-7. 56800E Core Block Diagram
Instruction execution is pipelined to take advantage of the parallel units, significantly decreasing
the execution time for each instruction. For example, all within a single execution cycle, it is
possible for the data ALU to perform a multiplication operation, for the AGU to generate up to
two addresses, and for the program controller to prefetch the next instruction.
The major components of the 56800E core include the following:
•
Address buses
•
Data buses
•
Data Arithmetic Logic Unit (ALU)
Data
56800E Core
Arithmetic
Logic Unit
(ALU)
XAB2
PAB
PDB
CDBW
CDBR
XDB2
Program
Memory
Data
Memory
IPBus
Interface
External
Bus
Interface
Bit-
Manipulation
Unit
N3
M01
Address
XAB1
Generation
Unit
(AGU)
PC
LA
LA2
HWS0
HWS1
FIRA
OMR
SR
FISR
LC
LC2
Instruction
Decoder
Interrupt
Unit
Looping
Unit
Program Control Unit
ALU1
ALU2
MAC and ALU
A1
A2
A0
B1
B2
B0
C1
C2
C0
D1
D2
D0
Y1
Y0
X0
EOnCE™
JTAG™
R2
R3
R4
R5
SP
R0
R1
N
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com