Electronic Components Datasheet Search
  English  ▼

X  

DSP56853 Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc

Part # DSP56853
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56853 Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button DSP56853 Datasheet HTML 78Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 79Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 80Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 81Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 82Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 83Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 84Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 85Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 662 page
background image
Power, Ground and Peripheral Signals
5685X Digital Signal Controller User Manual, Rev. 4
2-14
Freescale Semiconductor
Table 2-7. Quad Timer Module
Signal Name
Signal Type
Signal Description
853
Pins
854
Pins
855
Pins
857
Pins
858
Pins
TIO0
(GPIOG0)
Input / Output
Input / Output
Timer Input/Output—This pin can be
independently configured to be either a timer input
source or an output.
Port G GPIO 0—This is a General Purpose I/O pin
when not configured for Timer use.
11
11
1
TIO1-TIO3
(GPIOG0-G3)
Input / Output
Input / Output
Timer Input/Output—These pins can be
independently configured to be either a timer input
source or an output.
Port G GPIO 1-3—These are General Purpose I/O
pins when not configured for Timer use.
33
—
3
3
Table 2-8. Interrupt and Program Control
Signal Name
Signal Type
Signal Description
853
Pins
854
Pins
855
Pins
857
Pins
858
Pins
IRQA
Input
External Interrupt Request A and B—These
inputs are asynchronous external interrupt
requests, indicating an external device is
requesting service. A Schmitt trigger input is used
for noise immunity. They can be programmed to be
level-sensitive or negative-edge-triggered. If
level-sensitive triggering is selected, an external
pull-up resistor is required or Wired-OR operation.
11
11
1
IRQB
Input
11
11
1
MODA,
MODB,
MODC
(GPIOH0-H2)
Input
Input / Output
Mode Select—During the bootstrap process,
MODA, MODB, and MODC selects one of the
eight bootstrap modes.
Mode Select—During the bootstrap process, the
MODE A, B, and C pins select one of the eight
bootstrap modes. These pins are sampled at the
end of reset.
Port H GPIO 0-2—These are General Purpose I/O
pins after the bootstrap process has completed.
Note: Any time POR and EXTERNAL resets are
active the state of MODE A, B and C pins get
asynchronous transferred to the SIM Control
Register [14:12] ($1FFF08) respectively. These
bits determine the mode in which the part will boot
up.
Note: Software and COP resets do not update the
SIM Control Register.
33
33
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com