| Electronic Components Datasheet Search |
|
DSP56853 Datasheet(PDF) 101 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56853 Datasheet(HTML) 101 Page - Freescale Semiconductor, Inc |
|
101 / 662 page ![]() Memory Maps Overview, Rev. 4 Freescale Semiconductor 3-13 Table 3-10. Direct Memory Access 3 Register Address Map (DMA3_BASE = $1FFED8) see Chapter 9 Address Offset Register Acronym Register Name Access Type Chapter Location Base + $0 DMA_3_TC Transfer Control Register Read/Write Section 9.6.1 Base + $1 DMA_3_CQS Circular Queue Size Register Read/Write Section 9.6.2 Base + $2 DMA_3_TC Transfer Count Register Read/Write Section 9.6.3 Base + $3 DMA_3_DAL Destination Address-Low Register Read/Write Section 9.6.4 Base + $4 DMA_3_DAH Destination Address-High Register Read/Write Section 9.6.5 Base + $5 DMA_3_SAL Source Address-Low Register Read/Write Section 9.6.6 Base + $6 DMA_3_SAH Source Address-High Register Read/Write Section 9.6.7 Table 3-11. Direct Memory Access 4 Register Address Map (DMA4_BASE = $1FFEE0) see Chapter 9 Address Offset Register Acronym Register Name Access Type Chapter Location Base + $0 DMA_4_TC Transfer Control Register Read/Write Section 9.6.1 Base + $1 DMA_4_CQS Circular Queue Size Register Read/Write Section 9.6.2 Base + $2 DMA_4_TC Transfer Count Register Read/Write Section 9.6.3 Base + $3 DMA_4_DAL Destination Address-Low Register Read/Write Section 9.6.4 Base + $4 DMA_4_DAH Destination Address-High Register Read/Write Section 9.6.5 Base + $5 DMA_4_SAL Source Address-Low Register Read/Write Section 9.6.6 Base + $6 DMA_4_SAH Source Address-High Register Read/Write Section 9.6.7 Table 3-12. Direct Memory Access 5 Register Address Map (DMA5_BASE = $1FFEE8) see Chapter 9 Address Offset Register Acronym Register Name Access Type Chapter Location Base + $0 DMA_5_TC Transfer Control Register Read/Write Section 9.6.1 Base + $1 DMA_5_CQS Circular Queue Size Register Read/Write Section 9.6.2 Base + $2 DMA_5_TC Transfer Count Register Read/Write Section 9.6.3 Base + $3 DMA_5_DAL Destination Address-Low Register Read/Write Section 9.6.4 Base + $4 DMA_5_DAH Destination Address-High Register Read/Write Section 9.6.5 Base + $5 DMA_5_SAL Source Address-Low Register Read/Write Section 9.6.6 Base + $6 DMA_5_SAH Source Address-High Register Read/Write Section 9.6.7 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |