Electronic Components Datasheet Search
  English  ▼

X  

FM8PC71AM Datasheet(PDF) 29 Page - Feeling Technology Corp.

Part # FM8PC71AM
Description  FTC 8-Bit Micro-Controller With 12-bits ADC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FM8PC71AM Datasheet(HTML) 29 Page - Feeling Technology Corp.

Back Button FM8PC71AM Datasheet HTML 25Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 26Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 27Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 28Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 29Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 30Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 31Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 32Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 33Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 73 page
background image
FM8PC71AM
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
P.29
R1.1.004, Aug 7, 2017
FM8PC71AM
遠翔科技
Feeling Technology
【4】Clock Control
The MCU operation frequency rang is as following: ( Fcpu is MCU clock)
(1)
VDD > 2.0 V
Fcpu
≦
16Mhz
(Note: When MCU is Power on, the Fcpu is set 1/2/4/8 Mhz by configuration selection.
When MCU is after power on reset, the Fcpu can be switch to 16Mhz by program.)
Address 13H: Clock configuration (CLKCFG)
Bits
7
6
5
4
3
2
1
0
Name
SELCLK[2:0]
CLKSW
SIRCEN
INCODS
EXOSEN
IRCEN
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
1
1
0
1
Bit[7:5] : SELCLK[2:0]
Select MCU switch-clock. (FIRC=16Mhz)
SELCLK[2:0]
Select clock(Fsel)
3’b000
(FOSC or FIRC)/1
3’b001
(FOSC or FIRC)/2
3’b010
(FOSC or FIRC)/4
3’b011
(FOSC or FIRC)/8
3’b100
(FOSC or FIRC)/16
3’b101
FSIRC
Bit[4] : CLKSW
CPU clock switch signal
1 = CPU clock start to switch from Ffig clock to Fsel clock.
0 = CPU clock start to switch from Fsel clock to Ffig clock.
Note: If ATSW bit is ‘1’, and LVDTA bit is ‘0’, the CPU clock will be forced to Ffig.
Bit[3] : SIRCEN
Slow IRC Enable
1 = Enable SIRC.
0 = Disable SIRC.
Bit[2] : INCODS
Internal clock output disable.
1 = Disable internal IRC clock output.
0 = Enable internal IRC clock output. The IRC clock is driven output to XOUT pin.
Bit[1] : EXOSEN
External Oscillator Enable.
1 = Enable the external oscillator. The Fcpu clock is switch to external clock(Fosc) from FIRC clock.
0 = Disable Oscillator Enable.
Bit[0] : IRCEN
Internal clock enable.
1 = Enable internal clock
0 = Disable internal clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com