Electronic Components Datasheet Search
  English  ▼

X  

FM8PC71AM Datasheet(PDF) 25 Page - Feeling Technology Corp.

Part # FM8PC71AM
Description  FTC 8-Bit Micro-Controller With 12-bits ADC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FM8PC71AM Datasheet(HTML) 25 Page - Feeling Technology Corp.

Back Button FM8PC71AM Datasheet HTML 21Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 22Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 23Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 24Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 25Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 26Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 27Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 28Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 29Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 73 page
background image
FM8PC71AM
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
P.25
R1.1.004, Aug 7, 2017
FM8PC71AM
遠翔科技
Feeling Technology
2.5 Watchdog Timer(WDT)
The Watchdog Timer (WDT) is a free running on chip RC oscillator which does not require any external components.
So the WDT will still run into GREEN mode. During normal operation or in GREEN mode, a WDT time-out will cause
base on Configuration option to the device reset.
Configuration
WDTSEL[1:0]
VDD=5V~2.4V
SIRC = 32Khz, WDT Time out
2’b11
32
ms
2’b10
8
ms
2’b01
512 ms
2’b00
128 ms
The CLRWDT instruction clears the WDT, if assigned to the WDT, and prevents it from timing out and generating a
device reset.
The WDT can be disabled by clearing the control bit WDTE(11h-7). The WDT has a normal time-out period of 32ms
(without precaler). When the SLEEP instruction executes, the MCU will be reset or go next instruction on WDT
time-out.
The prescaler of WDT refers Table2.5-1.
The block diagram of WDT shows in Figure 2.5-2.
Address 11H: Watchdog Timer(WDT)
Bits
7
6
5
4
3
2
1
0
Name
WDTE
WDTSL
WDTPS[2:0]
LVRSL
--
--
Read/Write
R/W
R/W
R/W
R/W
--
--
Default
1
1
0
0
0
0
0
0
Bit[7] : WDTE
Watch-Dog timer enable.
1 = Enable.
0 = Disable.
Bit[6] : WDTSL
Watch-dog timer out selects.
1 = If Watch-dog timer out, the Device be reset. (PC = 0000h)
0 = If Watch-dog timer out, Device be wake up and PC = PC+1. (GRN_MD bit in 12h register be clear)
Bit[5:3] : WDTPS[2:0]
WDT Prescaler, please refer Table 2.5-1.
WDTPS[2:0]
WDT time out(config = 32ms)
3’b000
32ms*1
= 32
ms
3’b001
32ms*2
= 64
ms
3’b010
32ms *4
= 128 ms
3’b011
32ms *8
= 256 ms
3’b100
32ms *16
= 512 ms
3’b101
32ms *32
= 1024 ms
3’b110
32ms *64
= 2048 ms
3’b111
32ms *128 = 4096 ms
TABLE 2.6-1 WDT Prescaler
Bit[2] : LVRSL
LVR select.
1 = When Device is in green mode, the LVR signal can wake up to normal mode(PC=PC+1).
0 = When Device is in green mode, the LVR signal will be reset chip(PC=0x000).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com