Electronic Components Datasheet Search
  English  ▼

X  

FM8PC71AM Datasheet(PDF) 27 Page - Feeling Technology Corp.

Part # FM8PC71AM
Description  FTC 8-Bit Micro-Controller With 12-bits ADC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FM8PC71AM Datasheet(HTML) 27 Page - Feeling Technology Corp.

Back Button FM8PC71AM Datasheet HTML 23Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 24Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 25Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 26Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 27Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 28Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 29Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 30Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 31Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 73 page
background image
FM8PC71AM
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
P.27
R1.1.004, Aug 7, 2017
FM8PC71AM
遠翔科技
Feeling Technology
【3】Power and Reset Management
There are Four cases of reset on MCU controller chip. These cases of reset occurrence are listed below.
1. Power On/Down Reset (normal mode)
POR (VDD
≤ 2.1V), PDR (VDD ≤ 1.8V)
2. Brown out reset
LVDT20 (VDD
≤ LVR1 ==2.0V for > 100ns)
LVDT24 (VDD
≤ LVR2 ==2.4V for > 100ns)
LVDT36 (VDD
≤ LVR3 ==3.6V for > 100ns)
3. Watchdog Reset
WDR (Watch Dog time out)
4. External Reset
EXTR (External Reset PA[2] Low active)
5. Power down Reset (sleep mode)
PDRS (VDD
≤ 1.3V)
If the POR, PDR, PDRS, WDR, LVDT20, LVDT24, EXR or PDRS occurs, the chip will enter reset status. The
following events take place on reset status.
All registers are reset to their default values expect status registers.
The status register (03h) is reset to their default value only for POR/PDR.
After reset status, program counter begins at address 0x0000
PORN is asserted when VDD voltage to the device is upper approximately 2.4V (see Figure 3.0-1).
Address 12H: Power Control Register (PCON)
Bits
7
6
5
4
3
2
1
0
Name
SUSPD
GRN_MD
LVDIS
RSTSL[1:0]
LVDT36
LVDT24
LVDT20
Read/Write
R/W
R/W
R/W
R/W
R/W
R
R
R
Default
0
0
0
0
0
0
0
0
Bit][7] : SUSPD
F/W force system to go into suspend mode.
1 = Suspend mode.
0 = The other operation mode.
Bit][6:5] : GRN_MD,LVDIS
{GRN_MD,LVDIS} Description
2’b00
Normal Mode(SUSPEND=0), and All LVD36, LVDT20, LVDT24 circuit are enable
2’b01
First switch Fcpu clock is Fsirc.
Slow Mode(SUSPEND=0), and All LVD36, LVDT20, LVDT24 circuit are disable
Fcpu enable (Fcpu = Fsirc),
2’b10
Green Mode(SUSPEND=0), and All LVD36, LVDT20, LVDT24 circuit are enable
Fcpu Disable.
2’b11
Green Mode(SUSPEND=0), and All LVD36, LVDT20, LVDT24 circuit are disable
Fcpu Disable.
Bit[4:3] : RSTSL[1:0]*
RSTSL[1:0]
Description
2’b00
POR, WDR can reset system chip.
2’b01
POR, WDR, LVDT2.0 (VDD<= 2.0V) can reset system chip
2’b10
POR, WDR, LVDT24 (VDD<= 2.4V) can reset system chip
2’b11
POR, WDR, EXR can reset system chip.
*POR, PDR, PDRS occurs, the RSTSL[1:0] bits can be reset to default value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com