Electronic Components Datasheet Search
  English  ▼

X  

FM8PC71AM Datasheet(PDF) 65 Page - Feeling Technology Corp.

Part # FM8PC71AM
Description  FTC 8-Bit Micro-Controller With 12-bits ADC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FM8PC71AM Datasheet(HTML) 65 Page - Feeling Technology Corp.

Back Button FM8PC71AM Datasheet HTML 61Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 62Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 63Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 64Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 65Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 66Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 67Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 68Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 69Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 73 page
background image
FM8PC71AM
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
P.65
R1.1.004, Aug 7, 2017
FM8PC71AM
遠翔科技
Feeling Technology
Mnemonic,
Operands
Description
Operation
Cycles
Status
Affected
ANDIA
I
AND Immediate with ACC
ACC and I
ACC
1
Z
IORIA
I
OR Immediate with ACC
ACC or I
ACC
1
Z
XORIA
I
Exclusive OR Immediate to ACC
ACC xor I
ACC
1
Z
RETIA
I
Return, place Immediate in ACC
I
ACC,
Top of Stack
PC
2
-
CALL
I
Call subroutine
PC + 1
Top of Stack,
I
PC
2
-
GOTO
I
Unconditional branch
I
PC
2
-
Note
: 1. 2 cycles for skip, else 1 cycle(one Fcpu clock)
2.
bit
: Bit address within an 8-bit register R
R
: Register address (00h to 7Fh)
I
: Immediate data
ACC : Accumulator
D
: Destination select;
=0 (store result in ACC)
=1 (store result in file register R)
Dest
: Destination
PC
: Program Counter
PCHBUF : High Byte Buffer of Program Counter
WDT
: Watchdog Timer Counter
GIE
: Global interrupt enable bit
TO
: Time-out bit
PD
: Power-down bit
C
: Carry bit
DC
: Digital carry bit
Z
: Zero bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com