Electronic Components Datasheet Search
  English  ▼

X  

FM8PC71AM Datasheet(PDF) 40 Page - Feeling Technology Corp.

Part # FM8PC71AM
Description  FTC 8-Bit Micro-Controller With 12-bits ADC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FM8PC71AM Datasheet(HTML) 40 Page - Feeling Technology Corp.

Back Button FM8PC71AM Datasheet HTML 36Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 37Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 38Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 39Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 40Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 41Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 42Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 43Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 44Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 73 page
background image
FM8PC71AM
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
P.40
R1.1.004, Aug 7, 2017
FM8PC71AM
遠翔科技
Feeling Technology
6.2 PWM1 Registers
Address 19H: PWM1 configuration Register(PWM1CON)
Bits
7
6
5
4
3
2
1
0
Name
P1INTSL
P1DT[2:0]
P1CKS[2:0]
--
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R
Default
0
0
0
0
0
0
0
0
Bit[7] : P1INTSL
PWM1 interrupt selection.
1 = Select interrupt for PWM1 overflow.
0 = Select interrupt for PWM1 timer time out.
Bit[6:4] :P0DT[2:0]
PWM1 Duty Range.
P1DT [2:0],
PWM1 Duty Range
PWM1 Timer bits
High pulse
Low Pulse
3’b000
1~15
15~1
4 bits
3’b001
1~31
31~1
5 bits
3’b010
1~63
63~1
6 bits
3’b011
1~255
255~1
8 bits
3’b100
1~511
511~1
9 bits
3’b101
1~1023
1023~1
10 bits
3’b110
1~2047
2047~1
11 bits
3’b111
1~4095
4095~1
12 bits
TABLE 6-3 PWM1 Duty Range
Bit[3:1] : P1CKS[2:0]
PWM1 Timer clock select.
P1CKS[2:0]
Clock select (Fp1ck)
3’b000
FCPU
3’b001
FIRC (16Mhz)
3’b010
FOSC
3’b011
T0CK
3’b100
T1CK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com