Electronic Components Datasheet Search
  English  ▼

X  

FM8PC71AM Datasheet(PDF) 14 Page - Feeling Technology Corp.

Part # FM8PC71AM
Description  FTC 8-Bit Micro-Controller With 12-bits ADC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FM8PC71AM Datasheet(HTML) 14 Page - Feeling Technology Corp.

Back Button FM8PC71AM Datasheet HTML 10Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 11Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 12Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 13Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 14Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 15Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 16Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 17Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 18Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 73 page
background image
FM8PC71AM
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
P.14
R1.1.004, Aug 7, 2017
FM8PC71AM
遠翔科技
Feeling Technology
TABLE 1.8-2: R-plane Operational Registers Map
Address
Name
B7
B6
B5
B4
B3
B2
B1
B0
I/O PAD Mode
08h (r/w)
PAMODE0
PAM0[7:0]
09h (r/w)
PAMODE1
PAM1[7:0]
0Ah (r/w)
PBMODE0
--
--
PBM0[5:0]
0Bh (r/w)
PBMODE1
--
--
PBM1[5:0]
PWM Counter
16h(r)
N0
N0[7:0]
20h(r)
N2
N2[7:0]
25h(r)
N3
N3[7:0]
ADC
28h (r/w)
ADCON3
ADCTEST
--
Note : R-Plane Register Accessed by IOST/IOSTR instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com