Electronic Components Datasheet Search
  English  ▼

X  

FM8PC71AM Datasheet(PDF) 20 Page - Feeling Technology Corp.

Part # FM8PC71AM
Description  FTC 8-Bit Micro-Controller With 12-bits ADC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FM8PC71AM Datasheet(HTML) 20 Page - Feeling Technology Corp.

Back Button FM8PC71AM Datasheet HTML 16Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 17Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 18Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 19Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 20Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 21Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 22Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 23Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 24Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 73 page
background image
FM8PC71AM
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
P.20
R1.1.004, Aug 7, 2017
FM8PC71AM
遠翔科技
Feeling Technology
2.4.2
PortA, PortB Interrupt define
Address 07H: Port A Interrupt Control Register(PAIE)
Bits
7
6
5
4
3
2
1
0
Name
PAIE7
PAIE6
PAIE5
PAIE4
PAIE3
PAIE2
PAIE1
PAIE0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
Bit[7] : PAIE7
PA[7] interrupt enable bit.
1 = Enable.
0 = Disable.
Bit[6] : PAIE6
PA[6] interrupt enable bit.
1 = Enable.
0 = Disable.
Bit[5] : PAIE5
PA[5] interrupt enable bit.
1 = Enable.
0 = Disable.
Bit[4] : PAIE4
PA[4] interrupt enable bit.
1 = Enable.
0 = Disable.
Bit[3] : PAIE3
PA[3] interrupt enable bit.
1 = Enable.
0 = Disable.
Bit[2] : PAIE2
PA[2] interrupt enable bit.
1 = Enable.
0 = Disable.
Bit[1] : PAIE1
PA[1] interrupt enable bit.
1 = Enable.
0 = Disable.
Bit[0] : PAIE0
PA[0] interrupt enable bit.
1 = Enable.
0 = Disable.
Address 08H: Port B Interrupt Control Register(PBIE)
Bits
7
6
5
4
3
2
1
0
Name
--
--
PBIE5
PBIE4
PBIE3
PBIE2
PBIE1
PBIE0
Read/Write
--
--
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
Bit[5] : PBIE5
PB[5] interrupt enable bit.
1 = Enable.
0 = Disable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com