Electronic Components Datasheet Search
  English  ▼

X  

FM8PC71AM Datasheet(PDF) 12 Page - Feeling Technology Corp.

Part # FM8PC71AM
Description  FTC 8-Bit Micro-Controller With 12-bits ADC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FM8PC71AM Datasheet(HTML) 12 Page - Feeling Technology Corp.

Back Button FM8PC71AM Datasheet HTML 8Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 9Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 10Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 11Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 12Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 13Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 14Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 15Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 16Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 73 page
background image
FM8PC71AM
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
P.12
R1.1.004, Aug 7, 2017
FM8PC71AM
遠翔科技
Feeling Technology
Address
Description(F-plane)
Address
R-Plane
RAM-Bank=0
RAM-Bank=1
22h
P2TRHB
23h
PWM3CON
24h
PWM3CR
25h
P3TMLB(read)/N3(write)
25h
N3(read)
26h
P3RDLB
27h
P3TRHB
28h
ADCON1
28h
ADCON3
29h
ADCON2
30h
ADCHB(read)/DACR1LB(write)
31h
ADCLB(read)/DACR1HB(write)
32~34h
General Purpose Registers 3 bytes
35h
EFR1
36h
EFR2
37h
CMPCON1
38h
CMPCON2
39h
DACR2LB
3Ah
DACR2HB
3B~3Fh
(Revered)
40h
|
7Fh
64 bytes
64 bytes
*Accessed by IOST/IOSTR instruction
*The R-plane Registers are loaded with the contents of the ACC register by executing the IOST instruction. By
executing the IOSTR instruction, user read these registers
1.8 Register bit Mapping
TABLE 1.8-1: F-plane Operational Registers Map
Address
Name
B7
B6
B5
B4
B3
B2
B1
B0
00h (R/W)
INDF
Uses contents of FSR to address data memory (not a physical register)
01h (R/W)
Revered
--
02h (R/W)
PCL
Low order 8 bits of PC
03h (R/W)
STATUS
--
--
--
/TO
/PD
Z
DC
C
04h (R/W)
FSR
Indirect data memory address pointer
05h (r/w)
PORTA
PA[7:0]
06h (r/w)
PORTB
--
--
PB[5:0]
07h (r/w)
PAIE
PAIE7
PAIE6
PAIE5
PAIE4
PAIE3
PAIE2
PAIE1
PAIE0
08h (r/w)
PBIE
--
--
PBIE5
PBIE4
PBIE3
PBIE2
PBIE1
PBIE0
09h (r/w)
PACON
PACON7
PACON6 PACON5 PACON4
PACON3 PACON2 PACON1 PACON0
0Ah (r/w)
PBCON
--
--
PBCON5 PBCON4 PBCON3 PBCON2 PBCON1 PBCON0
0BH(R/W)
INTEN
GIE
--
--
--
--
--
--
TM0IE
0Ch (R/W)
INTFLAG
PBIF
PAIF
--
--
--
--
--
TM0IF
0Dh(R/W)
--
--
--
--
--
--
--
0Eh(R/W)
TM0
8-bit real time clock/counter
0Fh(R/W)
TM0CON
TM0EN
--
TM0PS[2:0]
TM0CKS[1:0]
--
10h(R/W)
T0RLD
T0RLD7
T0RLD6
T0RLD5
T0RLD4
T0RLD3
T0RLD2
T0RLD1
T0RLD0
11h(R/W)
WDT
WDTE
WDTSL
WDTPS2 WDTPS1 WDTPS0 LVRSL
--
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com