Electronic Components Datasheet Search
  English  ▼

X  

FM8PC71AM Datasheet(PDF) 44 Page - Feeling Technology Corp.

Part # FM8PC71AM
Description  FTC 8-Bit Micro-Controller With 12-bits ADC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FM8PC71AM Datasheet(HTML) 44 Page - Feeling Technology Corp.

Back Button FM8PC71AM Datasheet HTML 40Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 41Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 42Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 43Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 44Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 45Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 46Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 47Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 48Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 73 page
background image
FM8PC71AM
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
P.44
R1.1.004, Aug 7, 2017
FM8PC71AM
遠翔科技
Feeling Technology
Address 1FH: PWM2 Control Register (PWM2CR)
Bits
7
6
5
4
3
2
1
0
Name
PWM2EN
P2OUTS
P2TPS[2:0]
P2TMEN
P2TMIE
P2TMIF
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
Bit[7] : PWM2EN
PWM1 module enable.
1 = PWM mode.
0 = Timer mode.
Bit[6] : P2OUTS
PWM1 Duty Cycle pulse output select.
1 = PWM2 Duty Cycle pulse output is low.
0 = PWM2 Duty Cycle pulse output is high.
Bit[5:3] : P2TPS[2:0]
PWM2 Timer prescaler, as follow Table 6-5:
P2TPS [2:0]
PWM1 MODE
3’b000
PWM2 Timer clock select is Fp2ck
3’b001
PWM2 Timer clock select is Fp2ck /2
3’b010
PWM2 Timer clock select is Fp2ck /4
3’b011
PWM2 Timer clock select is Fp2ck /8
3’b100
PWM2 Timer clock select is Fp2ck /16
3’b101
PWM2 Timer clock select is Fp2ck /32
3’b110
PWM2 Timer clock select is Fp2ck /64
3’b111
PWM2 Timer clock select is Fp2ck /128
Table 6-6 PWM2 Timer clock select
Bit[2] : P2TMEN
PWM2 Timer enable bit.
1 = Enable.
0 = Disable.
Bit[1] : P2TMIE
PWM1 Timer overflow interrupt bit.
1 = Enable interrupt.
0 = Disable interrupt.
Bit[0] : P2TMIF
PWM1 Timer overflow flag bit.
1 = PWM1 Timer overflow has occurred, write 0 clear flag.
0 = PWM1 Timer overflow has not occurred yet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com