Electronic Components Datasheet Search
  English  ▼

X  

GS3241 Datasheet(PDF) 40 Page - Semtech Corporation

Part # GS3241
Description  3G-SDI Re-timing Adaptive Cable Equalizer
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3241 Datasheet(HTML) 40 Page - Semtech Corporation

Back Button GS3241 Datasheet HTML 36Page - Semtech Corporation GS3241 Datasheet HTML 37Page - Semtech Corporation GS3241 Datasheet HTML 38Page - Semtech Corporation GS3241 Datasheet HTML 39Page - Semtech Corporation GS3241 Datasheet HTML 40Page - Semtech Corporation GS3241 Datasheet HTML 41Page - Semtech Corporation GS3241 Datasheet HTML 42Page - Semtech Corporation GS3241 Datasheet HTML 43Page - Semtech Corporation GS3241 Datasheet HTML 44Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 108 page
background image
GS3241
Final Data Sheet
Rev.2
PDS-061444
September 2017
40 of 108
Semtech
Proprietary & Confidential
www.semtech.com
If required, per-rate selection of the trace driver output group setting is possible by
setting CTRL_OUTPUT<n>_TRDR_PER_RATE = 1. Once set, the trace driver output
group will be determined by the rate to which the CDR is locked. For example, if the CDR
is locked to 3G, the following parameters will be used to control the output drivers.
CFG_OUTPUT<n>_TD_3G_DRIVER_SWING
CFG_OUTPUT<n>_TD_3G_PREEMPH_WIDTH
CFG_OUTPUT<n>_TD_3G_PREEMPH_AMPL
CFG_OUTPUT<n>_TD_3G_PREEMPH_PWRDWN
Note: If per-rate settings are being used, when the CDR is not locked, the trace driver will
use the Bypass trace driver output group settings.
4.7.4 Amplitude and Pre-Emphasis Control
The two output drivers offer very granular amplitude and pre-emphasis control. For
optimal loss compensation, both the pre-emphasis pulse amplitude and the
pre-emphasis pulse width can be independently configured on both output drivers.
This extra flexibility provides a mechanism to better shape the pre-emphasis gain to
match the frequency loss response of interconnect composed of trace, connector and
via losses. The swing and pre-emphasis can be independently configured for specific
data rates.
CFG_OUTPUT<n>_TD_SD_DRIVER_SWING (SD)
CFG_OUTPUT<n>_TD_HD_DRIVER_SWING (HD)
CFG_OUTPUT<n>_TD_3G_DRIVER_SWING (3G)
CFG_OUTPUT<n>_TD_BYPASS_DRIVER_SWING (Bypass)
The output pre-emphasis on the trace driver can be configured for the following four
rates:
CFG_OUTPUT<n>_TD_SD_PREEMPH_WIDTH (SD)
CFG_OUTPUT<n>_TD_SD_PREEMPH_AMPL (SD)
CFG_OUTPUT<n>_TD_HD_PREEMPH_WIDTH (HD)
CFG_OUTPUT<n>_TD_HD_PREEMPH_AMPL (HD)
CFG_OUTPUT<n>_TD_3G_PREEMPH_WIDTH (3G)
CFG_OUTPUT<n>_TD_3G_PREEMPH_AMPL (3G)
CFG_OUTPUT<n>_TD_BYPASS_PREEMPH_WIDTH (Bypass)
CFG_OUTPUT<n>_TD_BYPASS_PREEMPH_AMPL (Bypass)
The trace driver swing can be adjusted in ≈25mVpp increments. The default swing value
is 400Vppd into an external 100Ω differential load. Although an adequate swing and
pre-emphasis can be achieved with a 1.8V output supply, for long traces where
maximum output swing and pre-emphasis range is desired, it is recommended that the
device VCC_DDO output supply pin be connected to a 2.5V supply. The default
pre-emphasis settings provide minimal insertion loss compensation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com