Electronic Components Datasheet Search
  English  ▼

X  

GS3241 Datasheet(PDF) 1 Page - Semtech Corporation

Part # GS3241
Description  3G-SDI Re-timing Adaptive Cable Equalizer
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3241 Datasheet(HTML) 1 Page - Semtech Corporation

  GS3241 Datasheet HTML 1Page - Semtech Corporation GS3241 Datasheet HTML 2Page - Semtech Corporation GS3241 Datasheet HTML 3Page - Semtech Corporation GS3241 Datasheet HTML 4Page - Semtech Corporation GS3241 Datasheet HTML 5Page - Semtech Corporation GS3241 Datasheet HTML 6Page - Semtech Corporation GS3241 Datasheet HTML 7Page - Semtech Corporation GS3241 Datasheet HTML 8Page - Semtech Corporation GS3241 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 108 page
background image
1 of 108
Semtech
Proprietary & Confidential
GS3241
Final Data Sheet
Rev.2
PDS-061444
September 2017
GS3241
3G-SDI Re-timing
Adaptive Cable Equalizer
www.semtech.com
Key Features
•
75Ω cable input interface with on-chip termination
•
SMPTE ST 424, ST 292-1 and ST 259 compliant input/output
•
Multi-standard operation from 1Mb/s to 2.97Gb/s
•
In addition to standard SMPTE rates, the device also supports
re-timing of DVB-ASI at 270Mb/s, and MADI at 125Mb/s
•
3D Input Signal Eye Monitor
•
PRBS generator and checker
•
Automatic cable equalization—typical equalized cable
lengths of Belden 1694A cable:
 190m at 2.97Gb/s
 260m at 1.485Gb/s
 450m at 270Mb/s and 125Mb/s
•
Cable equalizer features:
 Automatic power down on loss of signal
 Programmable carrier detect with squelch threshold
adjustment
 Programmable launch swing compensation for
non-compliant source
 Manual and automatic cable equalizer bypass
•
Trace driver features:
 Integrated 100Ω, differential output termination
 Extends output DC-coupling support with 1.2V to 2.5V
output supply range
 Trace driver data output pre-emphasis to compensate for
up to 60” FR4 at 2.97Gb/s
 Manual or automatic re-timer bypass
 Manual or automatic mute or disable on LOS
•
CDR features:
 Manual or automatic rate modes
 Wide Loop bandwidth control
 Re-timing at the following data rates: 125Mb/s, 270Mb/s,
1.485Gb/s, and 2.97Gb/s—this includes the f/1.001 rates
Additional Features
•
Single 1.8V power supply for analog and digital core
•
GSPI serial control and monitoring interface
•
Four configurable GPIO pins for control or status monitoring
•
Wide operating temperature range: -40ºC to +85ºC
•
Small 6mm x 4mm 40-pin QFN
•
Pb-free/Halogen-free/RoHS and WEEE compliant package
•
Pin compatible with the GS12141, GS12142, and GS12241
Applications
SMPTE ST 424, SMPTE ST 292, SMPTE ST 259 interfaces requiring
cable equalizing functionality. Typical applications: Cameras,
Switchers, Distribution Amplifiers and Routers.
Description
The GS3241 is a low-power, multi-rate re-timing Cable Equalizer
supporting rates up to 3G -SDI. It is designed to equalize and
restore signals received over 190m coaxial cable at 3G,
compensate for DC content of SMPTE pathological signals, and
re-time the incoming data.
The integrated eye monitor provides non-disruptive mission
mode analysis of the post equalized input signal. The 256x128
resolution scan matrix allows accurate signal analysis to speed up
prototyping and enable field analysis.
Built in macros enable customizable cross section analysis and
quick horizontal and vertical eye opening measurements.
With high phase consistency between scans and configurable
space and time thresholds, algorithms can be deployed in the
field to analyse long term signal quality variation (Bathtub Plot) to
reduce costly system installation debug time for intermittent
errors.
The two independently controlled trace drivers feature highly
configurable pre-emphasis and swing controls to compensate for
long trace and connector losses. The pre-emphasis pulse width
can be optimized to compensate for perturbations to frequency
response of transmission lines due to vias connectors and stubs.
The GS3241 is pin compatible with the GS12141 and GS12241
single input, as well as the GS12142 dual input 12G UHD-SDI
Multi-rate Re-timing Cable Equalizers.
Note: For the GS3241 to be pin compatible with the GS12142,
careful design considerations are required. Contact for your local
Semtech FAE for details.


Similar Part No. - GS3241

ManufacturerPart #DatasheetDescription
logo
Globaltech Semiconducto...
GS324SF GLOBALTECH-GS324SF Datasheet
659Kb / 8P
Low Power Quad Operational Amplifiers
Version_2.2
More results

Similar Description - GS3241

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0394 TI1-LMH0394 Datasheet
357Kb / 21P
3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
logo
Semtech Corporation
GS3140 SEMTECH-GS3140 Datasheet
246Kb / 3P
Multi-Rate Adaptive 3G SDI Equalizer
GS6042 SEMTECH-GS6042 Datasheet
1,018Kb / 21P
6G UHD-SDI/3G/HD/SD Adaptive Cable Equalizer
logo
M/A-COM Technology Solu...
M21644 MA-COM-M21644 Datasheet
809Kb / 31P
3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer
logo
Texas Instruments
LMH0324 TI1-LMH0324 Datasheet
723Kb / 9P
3G/HD/SD SDI Dual Output Adaptive Cable Equalizer
logo
Semtech Corporation
EBK-GS3140-00 SEMTECH-EBK-GS3140-00 Datasheet
1Mb / 40P
Multi-Rate Adaptive 3G SDI Equalizer
GS3281 SEMTECH-GS3281 Datasheet
3Mb / 97P
3G-SDI Re-timing Cable Driver
GS3471 SEMTECH-GS3471 Datasheet
5Mb / 179P
3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS3590 SEMTECH-GS3590 Datasheet
4Mb / 118P
Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
GS12090 SEMTECH-GS12090 Datasheet
4Mb / 121P
Bidirectional 12G UHD-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com