Electronic Components Datasheet Search
  English  ▼

X  

GS3241 Datasheet(PDF) 28 Page - Semtech Corporation

Part # GS3241
Description  3G-SDI Re-timing Adaptive Cable Equalizer
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3241 Datasheet(HTML) 28 Page - Semtech Corporation

Back Button GS3241 Datasheet HTML 24Page - Semtech Corporation GS3241 Datasheet HTML 25Page - Semtech Corporation GS3241 Datasheet HTML 26Page - Semtech Corporation GS3241 Datasheet HTML 27Page - Semtech Corporation GS3241 Datasheet HTML 28Page - Semtech Corporation GS3241 Datasheet HTML 29Page - Semtech Corporation GS3241 Datasheet HTML 30Page - Semtech Corporation GS3241 Datasheet HTML 31Page - Semtech Corporation GS3241 Datasheet HTML 32Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 108 page
background image
GS3241
Final Data Sheet
Rev.2
PDS-061444
September 2017
28 of 108
Semtech
Proprietary & Confidential
www.semtech.com
4.5.1 Shape Scan and Measurement Time
Figure 4-5: Eye Scan Matrix Parameters
Figure 4-5 shows a visual representation of the scan matrix and indicates the spatial
parameters that determine the scan area and resolution. Running a scan using the
default offset and step parameters, results in 32768 (128x255) samples. The number of
samples and thus, the total scan time can be reduced to meet the needs of the
application. The scan area can be reduced by reducing the span determined by the
vertical and phase start and stop offsets, or the resolution can be reduced by increasing
the step size between adjacent samples. On the right in Figure 4-5, there are three step
settings used as examples, however there are a total of nine combinations possible. See
Table 4-6 for the register addresses and parameter names of the spatial eye scan
parameters.
For example, by increasing the vertical and phase step size to 4, the resolution is
reduced to (1/4)2, thus reducing the number of samples down to 2048 (32768x1/16).
128
Max Horizontal Scan Resolution
0
0
127
255
Phase Start
Phase Stop
Vertical
Offset Start
Vertical
Offset Stop
Vertical Offset Step = 1
Phase Step = 1
Vertical Offset Step = 2
Phase Step = 1
Vertical Offset Step = 4
Phase Step = 4
Default
Vertical
Offset
Start
Default
Vertical
Offset
Stop
Default
Phase
Start
Default
Phase
Stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com