Electronic Components Datasheet Search
  English  ▼

X  

GS3241 Datasheet(PDF) 7 Page - Semtech Corporation

Part # GS3241
Description  3G-SDI Re-timing Adaptive Cable Equalizer
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3241 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button GS3241 Datasheet HTML 3Page - Semtech Corporation GS3241 Datasheet HTML 4Page - Semtech Corporation GS3241 Datasheet HTML 5Page - Semtech Corporation GS3241 Datasheet HTML 6Page - Semtech Corporation GS3241 Datasheet HTML 7Page - Semtech Corporation GS3241 Datasheet HTML 8Page - Semtech Corporation GS3241 Datasheet HTML 9Page - Semtech Corporation GS3241 Datasheet HTML 10Page - Semtech Corporation GS3241 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 108 page
background image
GS3241
Final Data Sheet
Rev.2
PDS-061444
September 2017
7 of 108
Semtech
Proprietary & Confidential
www.semtech.com
18
GPIO1
Digital
Input/Output
Multi-function Control/Status Input/Output 1.
Default function:
Direction = Output
Signal = HIGH indicates PLL is locked
Pin is 1.8V CMOS I/O, please refer to GPIO1_CFG for more information
on how to configure GPIO1.
19, 31, 37, 38
VEE_CORE
Power
Most negative power supply connection for the analog core.
Connect to ground.
20
VCCO1P8_1
Power
Most positive power supply connection for trace driver pre driver.
Connect to 1.8V and decouple to ground. See Section 6.1 for
recommended values.
21, 28
VEEO
Power
Most negative power supply connection for the output drivers.
Connect to ground.
22, 23
DDO1/RCO,
DDO1/RCO
Output
Differential CML output with two internal 50Ω pull-ups. The data
signal or PRBS generator can be selected for this output. The PRBS
generator can be configured to generate a PRBS7 or a clock pattern.
24
VCCO_1
Power
Most positive power supply connection for the DDO1/ DDO1 output
driver.
Connect to 1.2V – 2.5V and decouple to ground. See Section 6.1 for
recommended values.
25
VCCO_0
Power
Most positive power supply connection for the DDO0/DDO0 output
driver.
Connect to 1.2V – 2.5V and decouple to ground. See Section 6.1 for
recommended values.
26, 27
DDO0/DDO0
Output
Differential CML output with two internal 50Ω pull-ups. The data
signal or PRBS generator can be selected for this output. The PRBS
generator can be configured to generate a PRBS7 or a clock pattern.
29
VCCO1P8_0
Power
Most positive power supply connection for trace driver pre driver.
Connect to 1.8V and decouple to ground. See Section 6.1 for
recommended values.
30
VCO_FILT10
Passive
VCO filter capacitor connection. Decouple to ground. See Section 6.1
for recommended values.
33
GPIO2
Digital
Input/Output
Multi-function Control/Status Input/Output 2.
Default function:
Direction = Input
Signal = Set HIGH to put device in sleep
Pin is 1.8V CMOS I/O, please refer to GPIO2_CFG for more information
on how to configure GPIO2.
34
VCO_FILT
Passive
VCO filter capacitor connection. Decouple to ground. See Section 6.1
for recommended values.
35
VCC_CORE
Power
Most positive power supply connection for the analog core.
Connect to 1.8V and decouple to ground. See Section 6.1 for
recommended values.
Table 1-1: GS3241 Pin Descriptions (Continued)
Pin Number
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com