Electronic Components Datasheet Search
  English  ▼

X  

GS3241 Datasheet(PDF) 8 Page - Semtech Corporation

Part # GS3241
Description  3G-SDI Re-timing Adaptive Cable Equalizer
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3241 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button GS3241 Datasheet HTML 4Page - Semtech Corporation GS3241 Datasheet HTML 5Page - Semtech Corporation GS3241 Datasheet HTML 6Page - Semtech Corporation GS3241 Datasheet HTML 7Page - Semtech Corporation GS3241 Datasheet HTML 8Page - Semtech Corporation GS3241 Datasheet HTML 9Page - Semtech Corporation GS3241 Datasheet HTML 10Page - Semtech Corporation GS3241 Datasheet HTML 11Page - Semtech Corporation GS3241 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 108 page
background image
GS3241
Final Data Sheet
Rev.2
PDS-061444
September 2017
8 of 108
Semtech
Proprietary & Confidential
www.semtech.com
36
GPIO3
Digital
Input/Output
Multi-function Control/Status Input/Output 3.
Default function:
Direction = Input
Signal = Set HIGH to disable DDO1
Pin is 1.8V CMOS I/O, please refer to GPIO3_CFG for more information
on how to configure GPIO3.
39
LF+
Passive
Loop filter capacitor connection. Connect to pin 40 through capacitor.
See Section 6.1 for recommended values.
40
LF-
Passive
Loop filter capacitor connection. Connect to pin 39 through capacitor.
See Section 6.1 for recommended values.
Tab
—
—
Central paddle can be connected to ground or left unconnected. Its
purpose is to provide increased mechanical stability. It is not required
for thermal dissipation. It is not recommended to connect device
ground pins to the central paddle.
Table 1-1: GS3241 Pin Descriptions (Continued)
Pin Number
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com