Electronic Components Datasheet Search
  English  ▼

X  

GS3241 Datasheet(PDF) 49 Page - Semtech Corporation

Part # GS3241
Description  3G-SDI Re-timing Adaptive Cable Equalizer
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3241 Datasheet(HTML) 49 Page - Semtech Corporation

Back Button GS3241 Datasheet HTML 45Page - Semtech Corporation GS3241 Datasheet HTML 46Page - Semtech Corporation GS3241 Datasheet HTML 47Page - Semtech Corporation GS3241 Datasheet HTML 48Page - Semtech Corporation GS3241 Datasheet HTML 49Page - Semtech Corporation GS3241 Datasheet HTML 50Page - Semtech Corporation GS3241 Datasheet HTML 51Page - Semtech Corporation GS3241 Datasheet HTML 52Page - Semtech Corporation GS3241 Datasheet HTML 53Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 108 page
background image
GS3241
Final Data Sheet
Rev.2
PDS-061444
September 2017
49 of 108
Semtech
Proprietary & Confidential
www.semtech.com
4.7.6 Output State Control Modes
The GS3241 provides several output state control modes to meet specific application
requirements. The trace driver has the following three output modes: operational,
muted, or disabled. During non-sleep, if the control modes are configured such that
multiple output modes are enabled, the priorities of the control modes from highest to
lowest are the following: disabled, and then muted. Section 4.7.6.1 through
Section 4.7.7 describe how to configure the output control modes that are enabled
during non-sleep.
If the device enters sleep, either manually or automatically, the sleep output control
modes take precedence over the non-sleep control modes. The default trace driver
configuration is for it to be disabled during sleep; however the trace driver can be
configured to mute during sleep by setting the CFG_SLEEP_OUTPUT<n>_MUTE
parameter in register 0x5 to 1b.
4.7.6.1 Output Mute Control Mode
Each of the outputs on the GS3241 have independent mute control modes, which can
be configured through the host interface.
The following are the four output mute control modes:
1. The outputs automatically mute on LOS (default).
2. The outputs automatically mute on LOS and during rate search.
3. The outputs never mute.
4. The outputs are always muted.
The first mute control mode is the default power-up configuration for both output
drivers (the CTRL_OUTPUT<n>_AUTO_MUTE control parameter in register 0x49 is set
to 1b). In this mode, the outputs will automatically mute on the assertion of LOS. This
includes LOS as a result of setting up Squelch Adjust (see Section 4.2.1 for more details).
In addition to mute on LOS, with auto mute control mode configured, setting the
CTRL_OUTPUT<n>_AUTO_MUTE_DURING_RATE_SEARCH control parameter in
register 0x49 to 1b, will configure the outputs to also mute when the device loses lock
and begins to rate search.
Table 4-9: ΔVDDO (mVppd) and VCMOUT(V) vs. DS Setting and VCCO
ΔVDDO (mVppd) vs. DS Setting
DC-Coupled
VCMOUT (V) vs. DS Setting
AC-Coupled
VCMOUT (V) vs. DS Setting
Vcco (V)
8
17
37
8
17
37
8
17
37
1.2
200
400
—
1.15
1.1
—
1.1
1
—
1.8
200
400
800
1.75
1.7
1.6
1.7
1.6
1.4
2.5
200
400
800
2.45
2.4
2.3
2.4
2.3
2.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com