Electronic Components Datasheet Search
  English  ▼

X  

GS3241 Datasheet(PDF) 15 Page - Semtech Corporation

Part # GS3241
Description  3G-SDI Re-timing Adaptive Cable Equalizer
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3241 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button GS3241 Datasheet HTML 11Page - Semtech Corporation GS3241 Datasheet HTML 12Page - Semtech Corporation GS3241 Datasheet HTML 13Page - Semtech Corporation GS3241 Datasheet HTML 14Page - Semtech Corporation GS3241 Datasheet HTML 15Page - Semtech Corporation GS3241 Datasheet HTML 16Page - Semtech Corporation GS3241 Datasheet HTML 17Page - Semtech Corporation GS3241 Datasheet HTML 18Page - Semtech Corporation GS3241 Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 108 page
background image
GS3241
Final Data Sheet
Rev.2
PDS-061444
September 2017
15 of 108
Semtech
Proprietary & Confidential
www.semtech.com
4. Detailed Description
4.1 Device Description
The GS3241 features a 75Ω internally terminated Cable Equalizer, which can equalize up
to 190m of Belden1694A cable at 3G. The device includes a CDR which will lock to and
retime valid SMPTE, MADI, and DVB-ASI signals to produce extremely low output jitter,
even at extended cable lengths. The CDR has extensive LBW control to enable jitter
transfer optimization. To facilitate system testing, the device also includes 3D eye
monitor, PRBS7 checker and generator. The two trace drivers have independent
amplitude and pre-emphasis control which can compensate for 14dB of insertion loss at
1.485GHz. The pre-emphasis control is two dimensional in both drivers, where both
pre-emphasis pulse amplitude and width adjustments can be made to help optimize for
interconnect mismatches such as vias and connectors.
4.1.1 Sleep Mode
To enable low power operation, the GS3241 has manual and automatic sleep mode
control.
The default mode is automatic sleep mode on LOS (Loss Of Signal). The device can also
be manually put into sleep mode. When the device is in sleep mode, all the core blocks
are powered down, except the host interface and carrier detect circuits. The trace driver
can be configured to be disabled or muted during sleep.
The CTRL_AUTO_SLEEP and CTRL_MANUAL_SLEEP parameters in register 0x3,
control the sleep mode of the device. The default value of the CTRL_AUTO_SLEEP
parameter is 1b (auto sleep). While in auto sleep mode, the CTRL_MANUAL_SLEEP
parameter has no effect. To enable host control of the sleep mode, set the
CTRL_AUTO_SLEEP parameter to 0b manual sleep control. To prevent the device from
entering sleep, set the CTRL_MANUAL_SLEEP parameter to 0b (not sleep). To manually
configure the device to sleep, set the CTRL_MANUAL_SLEEP parameter to 1b (sleep).
The device can also be manually made to sleep through the GPIO pins. The default GPIO
pin to control sleep is GPIO2 (pin 33). Drive this pin HIGH to make the device sleep.
Section 4.6 describes the PRBS generator function. If the device's PRBS generator is
intended to be used without a valid input signal, the device should be manually set to
not sleep as described above. Without a valid input signal, an LOS status will be
generated and the device will enter sleep mode and the PRBS block will be disabled. For
a description of LOS thresholds and settings, see Section 4.2.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com