Electronic Components Datasheet Search
  English  ▼

X  

ES166 Datasheet(PDF) 4 Page - Cyrustek corporation

Part # ES166
Description  LCR/DMM analog front
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES166 Datasheet(HTML) 4 Page - Cyrustek corporation

  ES166 Datasheet HTML 1Page - Cyrustek corporation ES166 Datasheet HTML 2Page - Cyrustek corporation ES166 Datasheet HTML 3Page - Cyrustek corporation ES166 Datasheet HTML 4Page - Cyrustek corporation ES166 Datasheet HTML 5Page - Cyrustek corporation ES166 Datasheet HTML 6Page - Cyrustek corporation ES166 Datasheet HTML 7Page - Cyrustek corporation ES166 Datasheet HTML 8Page - Cyrustek corporation ES166 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Ver 1.5
17/03/29
4
ES166
LCR/DMM analog front
1. Functional description
1.1 Overview
The ES166 is an analog front end IC built-in multiple measurement modes for
digital multi-meter application. It is built-in basic multi-meter measurement modes
which includes AC/DC voltage, AC/DC current, resistance, diode check, continuity,
frequency modes, and so on. It is also built-in the LC bridge mode which could measure
complex impedance (Inductance/Capacitance) directly with secondary parameters
including dissipation factor (D), quality factor (Q), phase angle (
θ), equivalent series or
parallel resistance (RS or RP). The ES166 also provides a flexible serial interface for
external microprocessor operation. The external microprocessor could implement a fully
auto range DMM product by proper firmware design with ES166.
1.2 Microprocessor serial I/O
ES166 configures a 3-wire serial I/O interface to external micro-controller (MCU).
The SDATA pin is bi-directional and SCLK & DATA_NEW are unilateral. The SDATA
pin is configured by open-drain circuit design. The DATA_NEW is used to check the
data buffer of ADC ready or not. When the ADC conversion cycle is finished, the
DATA_NEW pin will be pulled high until MCU send a valid read command to ES166.
After the first ID byte of read command is confirmed, the DATA_NEW will be driven
to low until the next ADC conversion finished again.
The data communication protocol is shown below. The write protocol is configured by
an ID byte with 5 command bytes following. The read protocol is configured by an ID
byte with 20 data bytes as followed.
Write command:
ID byte, Write control byte1, Write control byte2, Write control byte3, Write control
byte4 and Write control bytes5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com