Electronic Components Datasheet Search
  English  ▼

X  

ES166 Datasheet(PDF) 22 Page - Cyrustek corporation

Part # ES166
Description  LCR/DMM analog front
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES166 Datasheet(HTML) 22 Page - Cyrustek corporation

Back Button ES166 Datasheet HTML 15Page - Cyrustek corporation ES166 Datasheet HTML 16Page - Cyrustek corporation ES166 Datasheet HTML 17Page - Cyrustek corporation ES166 Datasheet HTML 18Page - Cyrustek corporation ES166 Datasheet HTML 19Page - Cyrustek corporation ES166 Datasheet HTML 20Page - Cyrustek corporation ES166 Datasheet HTML 21Page - Cyrustek corporation ES166 Datasheet HTML 22Page - Cyrustek corporation ES166 Datasheet HTML 23Page - Cyrustek corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
Ver 1.5
17/03/29
22
ES166
LCR/DMM analog front
2.11 Accuracy (Ae) vs. Impedance (ZDUT) @ Ta =18 ~ 28 ℃
Freq. / Z
1 - 10
Ω
10 – 100
Ω
100 – 10k
Ω 10k – 100kΩ 100k – 20ΜΩ
Remark
100/120Hz
2.0%+3d
1.0%+2d
0.5%+1d
1.0%+2d
2.0%+3d
D < 0.1
1kHz
2.0%+3d
1.0%+2d
0.5%+1d
1.0%+2d
2.0%+3d
10kHz
3.0%+3d
1.0%+2d
0.5%+1d
1.0%+2d
3.0%+3d
Note:
All accuracy is guaranteed by proper ratio resistor calibration and open/short calibration. All
accuracy is guaranteed for 20cm distance from DTH/DTL pins of ES166.
If D > 0.1, the accuracy should be multiplied by
2
1 D
+
ZC = 1/2πf C
if D << 0.1 in capacitance mode
ZL = 2πf L
if D << 0.1 in inductance mode
Ae = impedance (Z) accuracy
Definition: Q =
D
1
Rp = ESR (or Rs)
× (1+
2
1
D
)
1.
D value accuracy De = + Ae
× (1+D)
2.
ESR accuracy Re= + ZM × Ae (Ω)
ie., ZM = impedance calculated by
fC
π
2
1
or 2πf L
3.
Phase angle
θ accuracy θe= + (180/π) × Ae (deg)
4-terminals measurement with guard shielding
The DUT test leads are implemented by four terminals measurement. If four wires
measurement is not possible, the accuracy of impedance less 10
Ω should be increased
properly. For achieve the accuracy shown above, it is necessary to do open/short
calibration process before measurement. The test leads for DUT should be as short as
possible. If longer extended cable or probe is used, the guard shielding is necessary. If
guard shielding is not possible, the accuracy of impedance larger than 100k
Ω should be
increased properly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com