Electronic Components Datasheet Search
  English  ▼

X  

ES166 Datasheet(PDF) 9 Page - Cyrustek corporation

Part # ES166
Description  LCR/DMM analog front
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES166 Datasheet(HTML) 9 Page - Cyrustek corporation

Back Button ES166 Datasheet HTML 5Page - Cyrustek corporation ES166 Datasheet HTML 6Page - Cyrustek corporation ES166 Datasheet HTML 7Page - Cyrustek corporation ES166 Datasheet HTML 8Page - Cyrustek corporation ES166 Datasheet HTML 9Page - Cyrustek corporation ES166 Datasheet HTML 10Page - Cyrustek corporation ES166 Datasheet HTML 11Page - Cyrustek corporation ES166 Datasheet HTML 12Page - Cyrustek corporation ES166 Datasheet HTML 13Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Ver 1.5
17/03/29
9
ES166
LCR/DMM analog front
Status flags for measurement mode: ● = function available
Measurement mode
ALARM
SIGN
LBAT
STA0
STA1
V mode
●
●
●
V+Hz mode
●
●
●
●
●
A mode
●
●
A+Hz mode
●
●
●
●
Resistance mode
●
Continuity mode
●
●
Diode check mode
●
●
●
Freq. + duty mode
●
●
●
LC bridge Mode
●
ADP1/ADP2 mode
●
●
ADP1+Hz mode
●
●
●
●
Measurement mode
F_FIN
LDUTY
HF
LF
OLD
V mode
V+Hz mode
●
●
A mode
A+Hz mode
●
●
Resistance mode
Continuity mode
Diode check mode
Freq. + duty mode
●
●
●
●
LC bridge Mode
●
ADP1/ADP2 mode
ADP1+Hz mode
●
●
Description of status flags:
SIGN: Sign bit of D0 output (Data = -1 * D0 if SIGN=1)
LBAT: Low battery voltage indication
ALARM: High crest factor signal detection in ACV mode or Short detected in
Continuity/Diode mode
HF: Higher frequency indication for Hz mode
LF: Lower frequency indication for Hz mode
LDUTY: Low duty indication for duty cycle mode
STA0/STA1: divider indication for Hz mode
F_FIN: Measurement cycle finished for Hz mode
OLD: DUT Overflow indication for LC bridge mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com