Electronic Components Datasheet Search
  English  ▼

X  

ES166 Datasheet(PDF) 11 Page - Cyrustek corporation

Part # ES166
Description  LCR/DMM analog front
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES166 Datasheet(HTML) 11 Page - Cyrustek corporation

Back Button ES166 Datasheet HTML 7Page - Cyrustek corporation ES166 Datasheet HTML 8Page - Cyrustek corporation ES166 Datasheet HTML 9Page - Cyrustek corporation ES166 Datasheet HTML 10Page - Cyrustek corporation ES166 Datasheet HTML 11Page - Cyrustek corporation ES166 Datasheet HTML 12Page - Cyrustek corporation ES166 Datasheet HTML 13Page - Cyrustek corporation ES166 Datasheet HTML 14Page - Cyrustek corporation ES166 Datasheet HTML 15Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Ver 1.5
17/03/29
11
ES166
LCR/DMM analog front
1.5 Basic impedance theory
The general DMM could measure DC resistance only, but the LCR meter could
measure AC impedance. The impedance consists of resistance (real part) and reactance
(imaginary part). For example, Zs represents the impedance in series mode. Zs can be
defined a combination of resistance Rs and reactance Xs. It also could be defined as a |Z|
of magnitude with a phase angle
θ.
Zs = Rs + jXs
| Zs |
Real axis
Imaginary axis
(series mode)
Rs
Xs
θ
Zs
1 = Rs1 + jXs1
Xs
1
Rs
1
θ
1
θ > 0
θ1 < 0
Zs = Rs + jXs
| Zs |
Real axis
Imaginary axis
(series mode)
Rs
Xs
θ
Zs
1 = Rs1 + jXs1
Xs
1
Rs
1
θ
1
θ > 0
θ1 < 0
Zs = Rs + jXs or |Zs|∠
θ
|Z| =
2
2
Xs
Rs
+
Rs = |Zs| cos
θ
Xs = |Zs| sin
θ
Xs/Rs = tan
θ
θ = tan-1(Xs/Rs)
If
θ > 0, the reactance is inductive. In other words, if θ < 0, the reactance is capacitive.
There are two types for reactance. The one is the inductive reactance XL and the
other is the capacitive reactance XC. They could be defined as: (f = test signal frequency)
XL = 2πf L (L = Inductance)
XC =
C
2
1
f
π
(C = Capacitance)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com