Electronic Components Datasheet Search
  English  ▼

X  

ES166 Datasheet(PDF) 5 Page - Cyrustek corporation

Part # ES166
Description  LCR/DMM analog front
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES166 Datasheet(HTML) 5 Page - Cyrustek corporation

  ES166 Datasheet HTML 1Page - Cyrustek corporation ES166 Datasheet HTML 2Page - Cyrustek corporation ES166 Datasheet HTML 3Page - Cyrustek corporation ES166 Datasheet HTML 4Page - Cyrustek corporation ES166 Datasheet HTML 5Page - Cyrustek corporation ES166 Datasheet HTML 6Page - Cyrustek corporation ES166 Datasheet HTML 7Page - Cyrustek corporation ES166 Datasheet HTML 8Page - Cyrustek corporation ES166 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Ver 1.5
17/03/29
5
ES166
LCR/DMM analog front
Read command:
ID byte, Read data byte1, Read data byte2 ~ Read data byte19, Read data byte20
The ID byte of ES166 is header of “110010” followed by a buzzer on/off control bit and
R/W bit. The start/stop bit definition is shown on the diagram below.
SCLK
SDATA
DATA_NEW
ADC data ready
Next ADC data ready
1
1
0
0
1
0
ID code confirmed
1
Read command
Start bit
Stop bit
ID code
SCLK
SDATA
DATA_NEW
ADC data ready
Next ADC data ready
1
1
0
0
1
0
ID code confirmed
1
Read command
Start bit
Stop bit
ID code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com