Electronic Components Datasheet Search
  English  ▼

X  

ES166 Datasheet(PDF) 20 Page - Cyrustek corporation

Part # ES166
Description  LCR/DMM analog front
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES166 Datasheet(HTML) 20 Page - Cyrustek corporation

Back Button ES166 Datasheet HTML 15Page - Cyrustek corporation ES166 Datasheet HTML 16Page - Cyrustek corporation ES166 Datasheet HTML 17Page - Cyrustek corporation ES166 Datasheet HTML 18Page - Cyrustek corporation ES166 Datasheet HTML 19Page - Cyrustek corporation ES166 Datasheet HTML 20Page - Cyrustek corporation ES166 Datasheet HTML 21Page - Cyrustek corporation ES166 Datasheet HTML 22Page - Cyrustek corporation ES166 Datasheet HTML 23Page - Cyrustek corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Ver 1.5
17/03/29
20
ES166
LCR/DMM analog front
2.9 LC impedance mode
F3
F2
F1
F0
Measurement mode
Read data bytes
0
1
1
0
LC impedance mode A(31-00), B(31-00), C(31-00)
Note: A/B/C/D is 32-bit signed integer. (2’s complement binary number)
Measured in series mode Zs = Rs + jXs
)
0
(
2
)
0
(
2
1
}
Im{
1
}
Re{
32
32
32
32
>
⋅⋅
⋅⋅
⋅⋅
⋅⋅
⋅⋅
⋅⋅
⋅⋅
⋅⋅
⋅
×
×
=
<
⋅⋅
⋅⋅
⋅⋅
⋅⋅
⋅⋅
⋅
×
×
×
−
=
=
×
=
=
×
×
−
=
Xs
f
Xs
Ls
Xs
Xs
f
Cs
Xs
C
R
B
Zs
Rs
C
R
A
Zs
Range
Range
π
π
In parallel mode:
CP = CS / (1+D
2)
LP = LS x (1+D
2)
RP = RS x (1+1/D
2)
RRange is defined by the external ratio resistor which could be selected by MCU write
command.
Control bits
Terminal
Equivalent Range Resistor
(RRANGE)
RR1
RR0
PG1
PG0
1
0
0
0
SW3
100k
Ω
0
1
0
0
SW2
10k
Ω
0
0
0
0
SW1
1k
Ω
0
0
0
1
SW1
100
Ω
0
0
1
0
SW1
10
Ω
f
is the test frequency for LC impedance measurement which could be selected by
MCU write command.
Control bits
Frequency ( f )
FG1
FG0
0
0
100 Hz
0
1
120 Hz
1
0
1 kHz
1
1
10 kHz
o
o
Rs
Xs
Q
D
Xp
Rp
Rs
Xs
Q
90
90
)
(
tan
1
|
|
|
|
1
+
≤
≤
−
⋅⋅
⋅⋅
⋅⋅
⋅⋅
=
=
=
=
−
θ
θ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com