Electronic Components Datasheet Search
  English  ▼

X  

ES166 Datasheet(PDF) 8 Page - Cyrustek corporation

Part # ES166
Description  LCR/DMM analog front
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES166 Datasheet(HTML) 8 Page - Cyrustek corporation

Back Button ES166 Datasheet HTML 4Page - Cyrustek corporation ES166 Datasheet HTML 5Page - Cyrustek corporation ES166 Datasheet HTML 6Page - Cyrustek corporation ES166 Datasheet HTML 7Page - Cyrustek corporation ES166 Datasheet HTML 8Page - Cyrustek corporation ES166 Datasheet HTML 9Page - Cyrustek corporation ES166 Datasheet HTML 10Page - Cyrustek corporation ES166 Datasheet HTML 11Page - Cyrustek corporation ES166 Datasheet HTML 12Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Ver 1.5
17/03/29
8
ES166
LCR/DMM analog front
The ADC data output for measurement mode: F3/F2/F1/F0
F3
F2
F1
F0
Measurement mode
Read data bytes
0
0
0
0
V mode/ VHz mode
D0(12-00), D1(19-00), D2(19-00)
0
0
0
1
A mode / AHz mode
D0(12-00), D1(19-00), D2(19-00)
0
0
1
0
Resistance mode
D0(12-00)
0
0
1
1
Continuity mode
D0(12-00)
0
1
0
0
Diode check mode
D0(12-00)
0
1
0
1
Frequency/Duty cycle D1(19-00), D2(19-00)
0
1
1
0
LC impedance mode
A(31-00),B(31-00),C(31-00)
0
1
1
1
ADP1/ Hz mode
D0(12-00), D1(19-00), D2(19-00)
1
0
0
0
ADP2 mode
D0(12-00)
Buzzer frequency selection: B2/B1/B0
B2
B1
B0
Buzzer frequency
0
0
0
1.00kHz
0
0
1
1.33kHz
0
1
0
2.00kHz
0
1
1
2.22kHz
1
0
0
2.67kHz
1
0
1
3.08kHz
1
1
0
3.33kHz
1
1
1
4.00kHz
Set B2-B0 properly to get the target frequency. Set BUZ control bit or drive BUZIN
(pin 15) to enable/disable the BUZOUT (pin12) driver output. If MCU control BUZ
only, it is available to set ID byte with ending of stop bit.
A
C
K
1
1
0
1
0
0
0
START BIT
STOP BIT
R
/W
Buzzer OFF
A
C
K
1
1
0
1
0
0
0
START BIT
STOP BIT
R
/W
Buzzer OFF
1
1
1
1
0
0
0
START BIT
STOP BIT
R
/W
Buzzer ON
1
1
1
1
0
0
0
START BIT
STOP BIT
R
/W
Buzzer ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com