Electronic Components Datasheet Search
  English  ▼

X  

ES166 Datasheet(PDF) 6 Page - Cyrustek corporation

Part # ES166
Description  LCR/DMM analog front
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES166 Datasheet(HTML) 6 Page - Cyrustek corporation

Back Button ES166 Datasheet HTML 2Page - Cyrustek corporation ES166 Datasheet HTML 3Page - Cyrustek corporation ES166 Datasheet HTML 4Page - Cyrustek corporation ES166 Datasheet HTML 5Page - Cyrustek corporation ES166 Datasheet HTML 6Page - Cyrustek corporation ES166 Datasheet HTML 7Page - Cyrustek corporation ES166 Datasheet HTML 8Page - Cyrustek corporation ES166 Datasheet HTML 9Page - Cyrustek corporation ES166 Datasheet HTML 10Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Ver 1.5
17/03/29
6
ES166
LCR/DMM analog front
1.3 Read/Write command description
The write command includes one ID byte with five command bytes. If the valid write
ID code is received by ES166 at any time, the write command operation will be
enabled.
The next table shows the content of write command.
Byte
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
ID
1
1
0
0
1
0
BUZ
R/W=0
W1
F3
F2
F1
F0
AC
Q2
Q1
Q0
W2
FQ2
FQ1
FQ0
B0
B1
B2
0
IOP1
W3
SHBP
0
0
0
0
0
0
0
W4
AVG
0
PG0
PG1
FG0
FG1
RR0
RR1
W5
0
0
0
0
0
0
0
0
Note: The W5 control byte is a test mode command. Please send zero word at normal operation.
Auxiliary low-resistance detection control bit for Continuity and Diode modes: SHBP
Measurement function control bit: F3/F2/F1/F0
Range control bit for V/A/R modes: Q2/Q1/Q0
Range control bit for Frequency mode: FQ2/FQ1/FQ0
Buzzer frequency selection: B2/B1/B0
Buzzer driver ON/OFF control bit: BUZ
AC mode control enable bit: AC
OP configuration control bit: IOP1
LC bridge data output smoothing: AVG (Recommend AVG=1)
Range control bit for L/C mode: RR1/RR0/PG1/PG0
Test signal frequency control bit for LC bridge mode: FG1/FG0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com