Electronic Components Datasheet Search
  English  ▼

X  

ES166 Datasheet(PDF) 16 Page - Cyrustek corporation

Part # ES166
Description  LCR/DMM analog front
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES166 Datasheet(HTML) 16 Page - Cyrustek corporation

Back Button ES166 Datasheet HTML 12Page - Cyrustek corporation ES166 Datasheet HTML 13Page - Cyrustek corporation ES166 Datasheet HTML 14Page - Cyrustek corporation ES166 Datasheet HTML 15Page - Cyrustek corporation ES166 Datasheet HTML 16Page - Cyrustek corporation ES166 Datasheet HTML 17Page - Cyrustek corporation ES166 Datasheet HTML 18Page - Cyrustek corporation ES166 Datasheet HTML 19Page - Cyrustek corporation ES166 Datasheet HTML 20Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Ver 1.5
17/03/29
16
ES166
LCR/DMM analog front
2.5 Diode Measurement
MPU send write command to select the diode measurement function.
F3
F2
F1
F0
Measurement mode
Read data bytes
0
1
0
0
Diode check mode
D0(12-00)
Note1: D0 is binary format. SIGN is the sign bit of D0.
Diode measurement mode shares the same configuration with 6.000V voltage
measurement circuit and support the low-resistance detection. If the STBEEP output
(pin11) is low, it means the low-resistance status is detected (It means the OVX terminal
voltage less than 7mV). So MCU could monitor the STBEEP output and ADC (D0)
data output make the high speed detection for short circuit detection. Set SHBP=1 to
enable the built-in buzzer driving automatically when STBEEP is active. In this case,
the ALARM bit is active also.
2.6 Frequency/duty cycle mode measurement
The default typical input impedance of frequency with duty cycle mode is 100k
Ω. The
MCU send write command to select the frequency/duty cycle measurement function.
F3
F2
F1
F0
Measurement mode
Read data bytes
0
1
0
1
Hz + Duty mode
D0(12-00), D1(19-00), D2(19-00)
Note1: D0/D2/D3 all are binary format. ASIGN bit is ignored.
Range control for frequency mode
FQ2
FQ1
FQ0
Full Scale
0
0
0
N/A
0
0
1
600.0Hz
0
1
0
6.000KHz
0
1
1
60.00KHz
1
0
0
600.0KHz
1
0
1
6.000MHz
1
1
0
20.00MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com