Electronic Components Datasheet Search
  English  ▼

X  

ES166 Datasheet(PDF) 18 Page - Cyrustek corporation

Part # ES166
Description  LCR/DMM analog front
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES166 Datasheet(HTML) 18 Page - Cyrustek corporation

Back Button ES166 Datasheet HTML 14Page - Cyrustek corporation ES166 Datasheet HTML 15Page - Cyrustek corporation ES166 Datasheet HTML 16Page - Cyrustek corporation ES166 Datasheet HTML 17Page - Cyrustek corporation ES166 Datasheet HTML 18Page - Cyrustek corporation ES166 Datasheet HTML 19Page - Cyrustek corporation ES166 Datasheet HTML 20Page - Cyrustek corporation ES166 Datasheet HTML 21Page - Cyrustek corporation ES166 Datasheet HTML 22Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Ver 1.5
17/03/29
18
ES166
LCR/DMM analog front
Duty cycle mode range (Input sensitivity > 5Vpp @ duty cycle= 5.0% or 95.0%)
Freq. range
Duty range
60.00Hz
600.0Hz
5.0% - 95.0%
6.000KHz
10.0% - 90.0%
60.00KHz
20.0% – 80.0%
2.7 ADP mode
MCU send write command to select the ADP1 or ADP2 mode measurement function.
The Hz mode measurement is available to be enabled with the ADP1 AC function (set
AC bit to 1) simultaneously. The measured signal is applied to ADP1in terminal (pin5).
The signal full scale is 600mV for DC mode and 600mVrms for AC mode.
See the next table of function command:
F3
F2
F1
F0
AC
Measurement mode
Read data bytes
0
1
1
1
0
ADP1 DC mode
D0(12-00)
0
1
1
1
1
ADP1 AC mode
D0(12-00), D2(19-00), D3(19-00)
1
0
0
0
0
ADP2 DC mode
D0(12-00)
1
0
0
0
1
ADP2 AC mode
D0(12-00)
Note1: D0/D1/D2 all are binary format. SIGN is the sign bit of D0.
Frequency range control for ADP1/Hz mode
FQ2 FQ1 FQ0
Full Scale Range
0
0
0
N/A
0
0
1
600.0Hz
0
1
0
6.000kHz
0
1
1
60.00kHz
Note: See frequency mode (section 2.6) also. If AC value is less than 1% full scale, the Hz count
should be set to zero by MCU directly.
MCU could control the IOP1 to reconfigure the full scale of ADC in ADP modes:
IOP1
ADC full scale in ADP mode
0
600.0mV
1
60.00mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com