Electronic Components Datasheet Search
  English  ▼

X  

ES166 Datasheet(PDF) 7 Page - Cyrustek corporation

Part # ES166
Description  LCR/DMM analog front
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES166 Datasheet(HTML) 7 Page - Cyrustek corporation

Back Button ES166 Datasheet HTML 3Page - Cyrustek corporation ES166 Datasheet HTML 4Page - Cyrustek corporation ES166 Datasheet HTML 5Page - Cyrustek corporation ES166 Datasheet HTML 6Page - Cyrustek corporation ES166 Datasheet HTML 7Page - Cyrustek corporation ES166 Datasheet HTML 8Page - Cyrustek corporation ES166 Datasheet HTML 9Page - Cyrustek corporation ES166 Datasheet HTML 10Page - Cyrustek corporation ES166 Datasheet HTML 11Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Ver 1.5
17/03/29
7
ES166
LCR/DMM analog front
After write operation is enable, the internal ADC timing will be reset. The first allowed
ADC data will be ready when the DATA_NEW is high. The read command includes
one ID byte with 20 data bytes. When DATA_NEW is ready, MCU could send the read
data command to get the result of ADC conversion (D0/D1/D2
1 & A/B/C2) or status
flag from ES166.
The next table shows the content of read command.
Byte
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
ID
1
1
0
0
1
0
BUZ
R/W=1
R1
ALARM
DRDY
SIGN
LBAT
STA0
STA1
F_FIN
LDUTY
R2
HF
LF
OLD
D0:12
D0:11
D0:10
D0:09
D0:08
R3
D0:07
D0:06
D0:05
D0:04
D0:03
D0:02
D0:01
D0:00
R4
D1:19
D1:18
D1:17
D1:16
D1:15
D1:14
D1:13
D1:12
R5
D1:11
D1:10
D1:09
D1:08
D1:07
D1:06
D1:05
D1:04
R6
D1:03
D1:02
D1:01
D1:00
D2:19
D2:18
D2:17
D2:16
R7
D2:15
D2:14
D2:13
D2:12
D2:11
D2:10
D2:09
D2:08
R8
D2:07
D2:06
D2:05
D2:04
D2:03
D2:02
D2:01
D2:00
R9
A31
A30
A29
A28
A27
A26
A25
A24
R10
A23
A22
A21
A20
A19
A18
A17
A16
R11
A15
A14
A13
A12
A11
A10
A09
A08
R12
A07
A06
A05
A04
A03
A02
A01
A00
R13
B31
B30
B29
B28
B27
B26
B25
B24
R14
B23
B22
B21
B20
B19
B18
B17
B16
R15
B15
B14
B13
B12
B11
B10
B09
B08
R16
B07
B06
B05
B04
B03
B02
B01
B00
R17
C31
C30
C29
C28
C27
C26
C25
C24
R18
C23
C22
C21
C20
C19
C18
C17
C16
R19
C15
C14
C13
C12
C11
C10
C09
C08
R20
C07
C06
C05
C04
C03
C02
C01
C00
DATA_NEW for frequency or capacitance mode will be active when D0 or D3 data ready.
1Note: D0/D1/D2 all are binary code format. SIGN is signed status bit indication for D0 only.
2Note: The A (A
31-A00), B (B31-B00), C (C31-C00) are 32-bit 2’s complement signed integer which could be
accessed from ES166 sequentially during read mode. The L/C impedance could be derived from the three
numbers and calculated by external MCU easily.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com