Electronic Components Datasheet Search
  English  ▼

X  

ES166 Datasheet(PDF) 19 Page - Cyrustek corporation

Part # ES166
Description  LCR/DMM analog front
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES166 Datasheet(HTML) 19 Page - Cyrustek corporation

Back Button ES166 Datasheet HTML 15Page - Cyrustek corporation ES166 Datasheet HTML 16Page - Cyrustek corporation ES166 Datasheet HTML 17Page - Cyrustek corporation ES166 Datasheet HTML 18Page - Cyrustek corporation ES166 Datasheet HTML 19Page - Cyrustek corporation ES166 Datasheet HTML 20Page - Cyrustek corporation ES166 Datasheet HTML 21Page - Cyrustek corporation ES166 Datasheet HTML 22Page - Cyrustek corporation ES166 Datasheet HTML 23Page - Cyrustek corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Ver 1.5
17/03/29
19
ES166
LCR/DMM analog front
2.8 Low battery detection
ES166 provides the low battery detection circuit for two cases. If 3V (1.5V*2) battery
is used, connect LBAT (pin53) terminal to AGND directly. The default typical
low-battery threshold voltage is –2.3V (V- to AGND).
If more than 3V battery is used, the low battery status flag is active when the voltage of
this pin is less than VRH voltage (Typ. -1.23V).
For examples:
9V battery configuration is used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com