Electronic Components Datasheet Search
  English  ▼

X  

TPS2663 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2663
Description  TPS2663x 60-V, 6-A Power Limiting, Surge Protection Industrial eFuse
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2663 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS2663 Datasheet HTML 17Page - Texas Instruments TPS2663 Datasheet HTML 18Page - Texas Instruments TPS2663 Datasheet HTML 19Page - Texas Instruments TPS2663 Datasheet HTML 20Page - Texas Instruments TPS2663 Datasheet HTML 21Page - Texas Instruments TPS2663 Datasheet HTML 22Page - Texas Instruments TPS2663 Datasheet HTML 23Page - Texas Instruments TPS2663 Datasheet HTML 24Page - Texas Instruments TPS2663 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
21
TPS2663
www.ti.com
SLVSE94D – SEPTEMBER 2018 – REVISED AUGUST 2019
Product Folder Links: TPS2663
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Feature Description (continued)
9.3.3 Undervoltage Lockout (UVLO)
The TPS2663x devices feature an accurate ± 2% adjustable undervoltage lockout functionality. When the voltage
at UVLO pin falls below V(UVLOF) during input undervoltage fault, the internal FET quickly turns off and FLT is
asserted. The UVLO comparator has a hysteresis of 78 mV (typical). To set the input UVLO threshold, connect a
resistor
divider
network
from
IN
supply
to
UVLO
terminal
to
GND
as
shown
in
the
Simplified Schematic. The TPS2663x devices also features a factory set 15 V input supply undervoltage lockout
V(IN_SYS_UVLO) threshold with 1-V hysteresis. This feature can be enabled by connecting the UVLO terminal
directly to the GND terminal. If the Undervoltage Lock-Out function is not needed, the UVLO terminal must be
connected to the IN_SYS terminal. UVLO terminal must not be left floating. In the applications where reverse
polarity protection is required connect a minimum of 300-kΩ resistor between UVLO and IN_SYS.
Figure 19 shows the turn ON behavior when UVLO pin voltage exceeds V(UVLOR) threshold.
9.3.4 Overvoltage Protection (OVP)
The TPS2663x devices incorporate circuitry to protect the system during overvoltage conditions. The TPS26630
and TPS26631 feature an accurate ± 2% adjustable overvoltage cut off functionality. A voltage more than V(OVPR)
on OVP pin turns off the internal FET and protects the downstream load. To program the OVP threshold
externally, connect a resistor divider from IN_SYS supply to OVP terminal to GND as shown in the
Simplified Schematic.
The TPS26630 and TPS26631 also feature a factory set 34.3-V input overvoltage cut off V(IN_SYS_OVP) threshold
with a 440 mV hysteresis. This feature can be enabled by connecting the OVP terminal directly to the GND
terminal. The TPS26632, TPS26633 and TPS26636 feature an internally fixed 35-V maximum overvoltage clamp
V(OVC) functionality. The TPS26632 and TPS26633 clamps the output voltage to V(OVC), when the input voltage
exceeds 35 V. TPS26635 features a fixed 39-V maximum overvoltage clamp level. During the output voltage
clamp operation, the power dissipation in the internal MOSFET is PD = (V(IN_SYS) – V(OVC)) × I(OUT). Excess power
dissipation for a prolonged period can increase the device temperature. To avoid this, the internal FET is
operated in overvoltage clamp for a maximum duration of tOVC(dly), 162 msec (typical). After this duration, the
internal FET is turned OFF and the subsequent operation of the device depends on the MODE configuration
(Auto-Retry or latch OFF) setting as shown in Table 2.
Figure 19 shows the turn ON behavior when OVP pin voltage falls below V(OVPF) threshold.
Figure 23 illustrates the overvoltage cut-off functionality and Figure 24 illustrates the overvoltage clamp
functionality. FLT is asserted after a delay of 617 µs (typical) after entering in overvoltage clamp mode and
remains asserted until the overvoltage fault is removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com