Electronic Components Datasheet Search
  English  ▼

X  

TPS2663 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2663
Description  TPS2663x 60-V, 6-A Power Limiting, Surge Protection Industrial eFuse
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2663 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPS2663 Datasheet HTML 20Page - Texas Instruments TPS2663 Datasheet HTML 21Page - Texas Instruments TPS2663 Datasheet HTML 22Page - Texas Instruments TPS2663 Datasheet HTML 23Page - Texas Instruments TPS2663 Datasheet HTML 24Page - Texas Instruments TPS2663 Datasheet HTML 25Page - Texas Instruments TPS2663 Datasheet HTML 26Page - Texas Instruments TPS2663 Datasheet HTML 27Page - Texas Instruments TPS2663 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 53 page
background image
OL
ILIM
18
I
R
24
TPS2663
SLVSE94D – SEPTEMBER 2018 – REVISED AUGUST 2019
www.ti.com
Product Folder Links: TPS2663
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Feature Description (continued)
Figure 28. Input Hot Short Functionality at 24-V Supply
Figure 29. Input Hot-Short: Fast Trip Response (Zoomed)
The reverse comparator architecture has a supply line noise immunity resulting in a robust performance in noisy
environments. This is achieved by controlling the turn OFF time of the internal FET based on the over-drive
differential voltage V(IN_SYS) – V(OUT) over V(REVTH). Higher the over-drive, faster the turn OFF time, tRCB(dly).
9.3.7 Overload and Short Circuit Protection
The device monitors the load current by sensing the voltage across the internal sense resistor. The FET current
is monitored during start-up and normal operation.
9.3.7.1 Overload Protection
Set the current limit using Equation 5
where
•
I(OL) is the overload current limit in Ampere
•
R(ILIM) is the current limit resistor in kΩ
(5)
9.3.7.1.1
Active Current Limiting at 1x IOL, (TPS26630 and TPS26632 Only)
The TPS2663x devices feature accurate overload current limiting and fast short circuit protection feature. With
TPS26630 and TPS26632 if the load current exceeds the programmed current limit IOL, the device regulates the
current through it at IOL eventually reducing the output voltage. The power dissipation across the device during
this operation will be (VIN –VOUT) x IOL and this could heat up the device and eventually enter into thermal
shutdown. The maximum duration for the overcurrent through the FET tCL_PLIM(dly), 162 msec (typical). If the
thermal shutdown occurs before this time the internal FET turns OFF and the subsequent operation (auto-retry or
latch
OFF)
will
depend
on
the
MODE
pin
configuration
in
Table
2.
Figure 30, and Figure 31 illustrate overload current limiting performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com