Electronic Components Datasheet Search
  English  ▼

X  

TPS2663 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2663
Description  TPS2663x 60-V, 6-A Power Limiting, Surge Protection Industrial eFuse
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2663 Datasheet(HTML) 4 Page - Texas Instruments

  TPS2663 Datasheet HTML 1Page - Texas Instruments TPS2663 Datasheet HTML 2Page - Texas Instruments TPS2663 Datasheet HTML 3Page - Texas Instruments TPS2663 Datasheet HTML 4Page - Texas Instruments TPS2663 Datasheet HTML 5Page - Texas Instruments TPS2663 Datasheet HTML 6Page - Texas Instruments TPS2663 Datasheet HTML 7Page - Texas Instruments TPS2663 Datasheet HTML 8Page - Texas Instruments TPS2663 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
4
TPS2663
SLVSE94D – SEPTEMBER 2018 – REVISED AUGUST 2019
www.ti.com
Product Folder Links: TPS2663
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Table 1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
TPS26630, TPS26631,
TPS26632, TPS26633,
TPS26635, TPS26636
VQFN
HTSSOP
IN
1
1
P
Power input. Connects to the DRAIN of the internal FET
2
2
—
3
B_GATE
3
4
O
Blocking FET gate driver output. Connect B_GATE to GATE of the external
NFET. If external FET is not used then leave B_GATE pin floating. See theInput
Reverse Polarity Protection (B_GATE, DRV) section
DRV
4
5
O
Blocking FET fast pull down switch drive. Connect DRV to the GATE of external
pull down switch. Leave this pin floating if external N-FET is not used.
IN_SYS
5
6
P
Power input and supply voltage of the device. When an external Blocking FET is
used then connect IN_SYS to source of the FET. Short IN_SYS to IN in case
blocking FET is not used
UVLO
6
7
I
Input for setting the programmable undervoltage lockout threshold. An
undervoltage event turns off the internal FET and asserts FLT to indicate the
power-failure. Connect UVLO pin to GND pin to select the internal default
threshold
OVP
7
8
I
Input for setting the programmable overvoltage protection threshold (For
TPS26630 and TPS26631 Only). An overvoltage event turns off the internal
FET and asserts FLT to indicate the overvoltage fault. Connect OVP pin to GND
pin externally to select the internal default threshold.
PLIM
7
8
I
Input for setting the programmable output power limiting threshold (For
TPS26632, TPS26633, TPS26635 and TPS26636 Only). Connect a resistor
across PLIM to GND to set the output power limit. Connect PLIM to GND if
PLIM feature is not used. See the Output Power Limiting, PLIM (TPS26632,
TPS26633, TPS26635 and TPS26636 Only) section
GND
8
9
—
Connect GND to system ground
dVdT
9
10
I/O
A capacitor from this pin to GND sets output voltage slew rate. See the Hot
Plug-In and In-Rush Current Control section
ILIM
10
11
I/O
A resistor from this pin to GND sets the overload and short-circuit current limit.
See the Overload and Short Circuit Protection section
MODE
11
12
I
Mode selection pin for overload fault response. See the Device Functional
Modes section
SHDN
12
13
I
Shutdown pin. Pulling SHDN low makes the device to enter into low power
shutdown mode. Cycling SHDN pin voltage resets the device that has latched
off due to a fault condition
IMON
13
14
O
Analog current monitor output. This pin sources a scaled down ratio of current
through the internal FET. A resistor from this pin to GND converts current to
proportional voltage. If unused, leave it floating
FLT
14
15
O
Fault event indicator. It is an open drain output. If unused, leave floating or
connect to GND
PGTH
15
16
I
PGOOD comparator input.
PGOOD
16
17
O
Active High. A high indicates PGTH has crossed the V(PGTHR) threshold and the
internal FET is enhanced. PGOOD goes low when V(PGTH) hits V(PGTHF)
threshold. If PGOOD is unused then connect to GND or leave it floating
OUT
17
18
P
Power output of the device
18
19
—
20
N. C
19
—
—
No Connect
20
21
22
23
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com