Electronic Components Datasheet Search
  English  ▼

X  

TPS2663 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2663
Description  TPS2663x 60-V, 6-A Power Limiting, Surge Protection Industrial eFuse
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2663 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS2663 Datasheet HTML 9Page - Texas Instruments TPS2663 Datasheet HTML 10Page - Texas Instruments TPS2663 Datasheet HTML 11Page - Texas Instruments TPS2663 Datasheet HTML 12Page - Texas Instruments TPS2663 Datasheet HTML 13Page - Texas Instruments TPS2663 Datasheet HTML 14Page - Texas Instruments TPS2663 Datasheet HTML 15Page - Texas Instruments TPS2663 Datasheet HTML 16Page - Texas Instruments TPS2663 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
Temperature (qC)
-50
0
50
100
150
150
160
170
180
190
200
D019
Power Dissipation (W)
3
4 5 6 7 8 10
20
30 40 50 70 100
200 300400
0.1
0.2
0.5
1
2
5
10
20
50
100
200
500
1000
2000
3000
D040
TA = -40qC
TA = 0qC
TA = 25qC
TA = 85qC
TA = 125qC
Temperature (qC)
-60
-30
0
30
60
90
120
150
80
100
120
140
160
180
D008
tUVLO_ON(fast_dly)
tOVP_ON(fast_dly)
Temperature (qC)
-50
0
50
100
150
140
150
160
170
180
190
D029
Output Current (A)
0
0.6
1.2
1.8
2.4
3
3.6
4.2
4.8
5.4
6
6.6
0
20
40
60
80
100
120
140
160
D021
TA = 125qC
TA = 85qC
TA = 25qC
TA = -40qC
Output Current (A)
0
0.1
0.2
0.3
0.4
0.5
0.6
0
20
40
60
80
100
120
140
160
D033
13
TPS2663
www.ti.com
SLVSE94D – SEPTEMBER 2018 – REVISED AUGUST 2019
Product Folder Links: TPS2663
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
–40°C
≤ TA = TJ ≤ +125°C, V(IN_SYS) = V(IN) = 24 V, V(SHDN) = 2 V, R(ILIM) = 30 kΩ, IMON = PGOOD = FLT = OPEN, C(OUT) = 1
μF, C(dVdT) = OPEN. (Unless stated otherwise)
Figure 13. Current Monitor Output vs Output Current
Figure 14. IMON Gain Accuracy at < 0.6-A Output Current
V(PGTH) > V(PGTHF)
Figure 15. UVLO, OVP Fast Turn ON Delay vs Temperature
Figure 16. Maximum Duration in Current and Power Limiting
vs Temperature
Figure 17. Reverse Current Blocking Response vs
Temperature
Taken on VQFN device on EVM Board
Figure 18. Thermal Shutdown Time vs Power Dissipation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com