Electronic Components Datasheet Search
  English  ▼

X  

TPS2663 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2663
Description  TPS2663x 60-V, 6-A Power Limiting, Surge Protection Industrial eFuse
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2663 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS2663 Datasheet HTML 8Page - Texas Instruments TPS2663 Datasheet HTML 9Page - Texas Instruments TPS2663 Datasheet HTML 10Page - Texas Instruments TPS2663 Datasheet HTML 11Page - Texas Instruments TPS2663 Datasheet HTML 12Page - Texas Instruments TPS2663 Datasheet HTML 13Page - Texas Instruments TPS2663 Datasheet HTML 14Page - Texas Instruments TPS2663 Datasheet HTML 15Page - Texas Instruments TPS2663 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 53 page
background image
PLIM (W)
60
80
100
120
140
160
5
6
7
8
D042
Supply Voltage (V)
0
10
20
30
40
50
60
1
0
2
25
3
50
4
75
5
100
6
125
7
150
D052
CURRENT LIMIT
POWER LIMIT
Temperature (qC)
-50
0
50
100
150
0
2.5
5
7.5
10
D020
R(ILIM) = 9 k:
R(ILIM) = 4.02 k:
R(ILIM) = 3 k:
Temperature (qC)
-50
0
50
100
150
0.5
0.75
1
1.25
D025
R(ILIM) = 30 k:
R(ILIM) = 18 k:
Supply Voltage (V)
0
5
10
15
20
25
30
35
40
45
50
55
60
65
0
200
400
600
800
1000
1200
1400
1600
D026
TA = -40 qC
TA = 25 qC
TA = 85 qC
TA = 125 qC
Reverse Supply Voltage (V)
-65 -60 -55 -50 -45 -40 -35 -30 -25 -20 -15 -10 -5
0
-160
-140
-120
-100
-80
-60
-40
-20
0
D041
TA = -40qC
TA = 25qC
TA = 85qC
TA = 125qC
12
TPS2663
SLVSE94D – SEPTEMBER 2018 – REVISED AUGUST 2019
www.ti.com
Product Folder Links: TPS2663
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
–40°C
≤ TA = TJ ≤ +125°C, V(IN_SYS) = V(IN) = 24 V, V(SHDN) = 2 V, R(ILIM) = 30 kΩ, IMON = PGOOD = FLT = OPEN, C(OUT) = 1
μF, C(dVdT) = OPEN. (Unless stated otherwise)
Figure 7. Input Supply Current vs Supply Voltage During
Normal Operation
V(OUT) = 0 V
Figure 8. Input Supply Current vs Reverse Supply Voltage,
–V(IN_SYS)
Figure 9. Overload Current Limit vs Temperature
Figure 10. Overload Current Limit vs Temperature
Figure 11. Output Power Limiting Accuracy vs PLIM
TPS26632
R(PLIM) = 100 kΩ
R(ILIM) = 3 kΩ
Figure 12. Power Limit, Current limit vs Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com