Electronic Components Datasheet Search
  English  ▼

X  

TPS2663 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2663
Description  TPS2663x 60-V, 6-A Power Limiting, Surge Protection Industrial eFuse
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2663 Datasheet(HTML) 1 Page - Texas Instruments

  TPS2663 Datasheet HTML 1Page - Texas Instruments TPS2663 Datasheet HTML 2Page - Texas Instruments TPS2663 Datasheet HTML 3Page - Texas Instruments TPS2663 Datasheet HTML 4Page - Texas Instruments TPS2663 Datasheet HTML 5Page - Texas Instruments TPS2663 Datasheet HTML 6Page - Texas Instruments TPS2663 Datasheet HTML 7Page - Texas Instruments TPS2663 Datasheet HTML 8Page - Texas Instruments TPS2663 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
VIN_SYS
VOUT
ISURGE
PGOOD
D1*
R1
R2
R3
TPS26630/31
CdVdT
RILIM
RILON
R4
R5
Protected supply
To Load
Load Monitor
ON/OFF Control
IN
B_GATE
DRV
IN_SYS
UVLO
OVP
MODE
GND
OUT
PGTH
PGOOD
FLT
SHDN
IMON
ILIM
dVdT
4.5V-60V
Optional components
for RCB and RPP
* TVS for Surge Suppression Only
COUT
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS2663
SLVSE94D – SEPTEMBER 2018 – REVISED AUGUST 2019
TPS2663x 60-V, 6-A Power Limiting, Surge Protection Industrial eFuse
1
1 Features
1
•
4.5-V to 60-V Operating voltage, 67-V absolute
maximum
•
Integrated 60-V, 31-mΩ RON hot-swap FET
•
Reverse polarity protection and reverse current
blocking support with an external N-channel FET
•
0.6-A to 6-A Adjustable current limit (± 7%)
•
Electrical fast transients (IEC61000-4-4) immunity
and load protection during surge (IEC 61000-4-5)
with Class-A system performance
•
Fast reverse current blocking ( 0.17 µs)
•
Variants with adjustable output power limiting (±
6%)
•
Adjustable UVLO, OVP Cut Off, output slew rate
control for inrush current limiting
•
Charges large and unknown capacitive loads
through thermal regulation during device power up
•
Variants with 35-V and 39-V maximum over
voltage clamp
•
Power Good Output (PGOOD)
•
Selectable over current fault response options
between auto-retry and latch off (MODE)
•
Variants with 2x pulse over current support
•
Analog current monitor (IMON) output (± 6%)
•
UL 2367 Recognition pending
2 Applications
•
Factory automation and control – PLC, DCS, HMI,
I/O modules, sensor hubs
•
Motor drives – CNC, encoder supply
•
Electronic circuit breakers
3 Description
The TPS2663x devices are easy to use, positive 60 V
and 6-A eFuse with a 31-mΩ integrated FET. It
features a B-FET driver to control an external N-
channel FET in the system designs that require
protection from input reverse polarity faults and
reverse current blocking. The device incorporates
robust
protection
features
that
simplify
system
designs requiring protection during system tests like
IEC61000-4-5 industrial surge tests. The device
features an adjustable output power limiting (PLIM)
functionality
that
simplifies
the
system
design
requiring compliance in accordance to the standards
like IEC61010-1 and UL1310. Additional protection
features include adjustable overcurrent protection,
fast short circuit protection, output slew rate control,
overvoltage protection and undervoltage lockout.
For system status monitoring and downstream load
control, the device provides fault and a precise
current monitor output. PGOOD can be used for
enable and disable control of the downstream DC-DC
converters.
The
MODE
pin
allows
flexibility
to
configure the device between the two current-limiting
fault responses (latch off and auto-retry).
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS26630
TPS26631
TPS26632
TPS26633
TPS26635
VQFN (24)
4.00 mm × 4.00 mm
TPS26631
TPS26633
TPS26636
HTSSOP (20)*
6.50 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
(2) * Preview
Simplified Schematic
IEC61000-4-5 Surge Performance at 24-V Supply


Similar Part No. - TPS2663

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2663 TI1-TPS2663 Datasheet
2Mb / 39P
60-V, 6-A Power Limiting, Surge Protection Industrial eFuse
TPS2663 TI1-TPS2663 Datasheet
4Mb / 52P
60-V, 6-A Power limiting, surge protection industrial eFuse
TPS2663 TI1-TPS2663 Datasheet
4Mb / 53P
TPS2663x 60-V, 6-A Power Limiting, Surge Protection Industrial eFuse
TPS2663 TI1-TPS2663 Datasheet
4Mb / 59P
TPS2663x 60-V, 6-A Power Limiting, Surge Protection Industrial eFuse
TPS2663 TI1-TPS2663 Datasheet
4Mb / 59P
TPS2663x 60-V, 6-A Power Limiting, Surge Protection Industrial eFuse
More results

Similar Description - TPS2663

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2663 TI1-TPS2663 Datasheet
2Mb / 39P
60-V, 6-A Power Limiting, Surge Protection Industrial eFuse
TPS1663 TI1-TPS1663 Datasheet
2Mb / 30P
60-V, 6-A Power Limiting eFuse
TPS2663 TI1-TPS2663_19 Datasheet
4Mb / 52P
60-V, 6-A Power limiting, surge protection industrial eFuse
TPS2663 TI1-TPS2663_V02 Datasheet
4Mb / 53P
TPS2663x 60-V, 6-A Power Limiting, Surge Protection Industrial eFuse
TPS2663 TI1-TPS2663_V03 Datasheet
4Mb / 59P
TPS2663x 60-V, 6-A Power Limiting, Surge Protection Industrial eFuse
TPS2663 TI1-TPS2663_V04 Datasheet
4Mb / 59P
TPS2663x 60-V, 6-A Power Limiting, Surge Protection Industrial eFuse
TPS2663 TI1-TPS2663_V05 Datasheet
4Mb / 59P
TPS2663x 60-V, 6-A Power Limiting, Surge Protection Industrial eFuse
TPS2663 TI1-TPS2663_V06 Datasheet
4Mb / 59P
TPS2663x 60-V, 6-A Power Limiting, Surge Protection Industrial eFuse
TPS2663 TI1-TPS2663_V07 Datasheet
4Mb / 9P
TPS2663x 60-V, 6-A Power Limiting, Surge Protection Industrial eFuse
TPS2663 TI1-TPS2663_V08 Datasheet
4Mb / 59P
TPS2663x 60-V, 6-A Power Limiting, Surge Protection Industrial eFuse
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com