Electronic Components Datasheet Search
  English  ▼

X  

TPS2663 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2663
Description  TPS2663x 60-V, 6-A Power Limiting, Surge Protection Industrial eFuse
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2663 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TPS2663 Datasheet HTML 35Page - Texas Instruments TPS2663 Datasheet HTML 36Page - Texas Instruments TPS2663 Datasheet HTML 37Page - Texas Instruments TPS2663 Datasheet HTML 38Page - Texas Instruments TPS2663 Datasheet HTML 39Page - Texas Instruments TPS2663 Datasheet HTML 40Page - Texas Instruments TPS2663 Datasheet HTML 41Page - Texas Instruments TPS2663 Datasheet HTML 42Page - Texas Instruments TPS2663 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
*
R1
R2
R3
TPS2663x
CdVdT
RILIM
R4
ON/OFF Control
IN
B_GATE
DRV
IN_SYS
UVLO
OVP
MODE
GND
OUT
PGTH
PGOOD
FLT
SHDN
IMON
ILIM
dVdT
Input
COUT
*
31
PŸ
Output
(
)
( )
(
)
( )
( )
IN
spike Absolute
IN
Load
IN
L
V
V
I
C
=
+
´
39
TPS2663
www.ti.com
SLVSE94D – SEPTEMBER 2018 – REVISED AUGUST 2019
Product Folder Links: TPS2663
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Transient Protection (continued)
where
•
V(IN) is the nominal supply voltage
•
I(LOAD) is the load current
•
L(IN) equals the effective inductance seen looking into the source
•
C(IN) is the capacitance present at the input
(14)
Some applications may require additional Transient Voltage Suppressor (TVS) to prevent transients from
exceeding the Absolute Maximum Ratings of the device. These transients can occur during positive and negative
surge tests on the supply lines. In such applications it is recommended to place at least 1 µF of input capacitor.
The circuit implementation with optional protection components (a ceramic capacitor, TVS and schottky diode) is
shown in Figure 58
* Optional components needed for suppression of transients
Figure 58. Circuit Implementation With Optional Protection Components for TPS2663x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com