Electronic Components Datasheet Search
  English  ▼

X  

TPS2663 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2663
Description  TPS2663x 60-V, 6-A Power Limiting, Surge Protection Industrial eFuse
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2663 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2663 Datasheet HTML 6Page - Texas Instruments TPS2663 Datasheet HTML 7Page - Texas Instruments TPS2663 Datasheet HTML 8Page - Texas Instruments TPS2663 Datasheet HTML 9Page - Texas Instruments TPS2663 Datasheet HTML 10Page - Texas Instruments TPS2663 Datasheet HTML 11Page - Texas Instruments TPS2663 Datasheet HTML 12Page - Texas Instruments TPS2663 Datasheet HTML 13Page - Texas Instruments TPS2663 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
10
TPS2663
SLVSE94D – SEPTEMBER 2018 – REVISED AUGUST 2019
www.ti.com
Product Folder Links: TPS2663
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Timing Requirements (continued)
–40°C
≤ TA = TJ ≤ +125°C, 4.5 V < V(IN_SYS) = V(IN) < 60 V, V(SHDN) = 2 V, R(ILIM) = 30 kΩ, IMON = PGOOD = FLT = OPEN,
C(OUT) = 1 μF, C(dVdT) = OPEN. (All voltages referenced to GND, (unless otherwise noted))
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
tRCB(fast_dly)
Reverse protection comparator
dectection delay (reverse)
(V(IN_SYS) – V(OUT))↓ (1 V overdrive
below V(REVTH)) to V(DRV) – V(IN_SYS) =
V(DRV_OH)
0.17
0.37
µs
tRCB(dly)
(V(IN_SYS) – V(OUT))↓ (10 mV overdrive
below V(REVTH)) to V(DRV) – V(IN_SYS) =
V(DRV_OH)
0.48
3
µs
tRCB(flt_dly)
Fault assertion Delay
(V(IN_SYS) – V(OUT))↓ (10 mV overdrive
below V(REVTH)) to FLT↓
500
617
800
µs
tFWD_FLT(dly)
Reverse protection comparator
dectection delay (forward)
(V(IN_SYS) – V(OUT))↑ (10 mV overdrive
above V(FWDTH)) to V(BGATE) – V(IN_SYS)
= 5 V, C(BFET-IN_SYS) = 4.7 nF
0.87
ms
Fault de-assertion Delay
(V(IN_SYS) – V(OUT))↑ (10 mV overdrive
above V(FWDTH)) to FLT↑
434
605
800
µs
OUTPUT RAMP CONTROL (dVdT)
t(FASTCHARGE)
Output ramp time in fast charging
C(dVdT) = Open, 10% to 90%
V(OUT), C(OUT) = 1 µF; V(IN) = 24V
350
495
700
µs
t(dVdT)
Output ramp time
C(dVdT) = 22 nF, 10% to 90%
V(OUT), V(IN) = 24V
8.35
ms
POWER GOOD (PGOOD)
tPGOODR
PGOOD delay (deglitch) time
Rising edge
1.07
1.3
1.6
ms
tPGOODF
PGOOD delay (deglitch) time
Falling edge, PGTH
↓ (10mV below
V(PGTHF))
1.3
2.12
4
µs
FAULT FLAG (FLT)
tCB_FLT(dly)
FLT assertion delay in Pulse over
current limiting
Delay from I(OUT) > I(OL) to FLT↓.
TPS26631, TPS26633, TPS26635 and
TPS26636 Only
22
25.5
30
ms
THERMAL PROTECTION
t(TSD_retry)
Retry delay in TSD
MODE = GND
500
648
800
ms
t(Treg_timeout)
Thermal Regulation Timeout
2.3
2.54
2.9
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com