Electronic Components Datasheet Search
  English  ▼

X  

TPS2663 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2663
Description  TPS2663x 60-V, 6-A Power Limiting, Surge Protection Industrial eFuse
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2663 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TPS2663 Datasheet HTML 30Page - Texas Instruments TPS2663 Datasheet HTML 31Page - Texas Instruments TPS2663 Datasheet HTML 32Page - Texas Instruments TPS2663 Datasheet HTML 33Page - Texas Instruments TPS2663 Datasheet HTML 34Page - Texas Instruments TPS2663 Datasheet HTML 35Page - Texas Instruments TPS2663 Datasheet HTML 36Page - Texas Instruments TPS2663 Datasheet HTML 37Page - Texas Instruments TPS2663 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
VIN_SYS
VOUT
IIN
PGOOD
VIN_SYS
VOUT
IIN
PGOOD
34
TPS2663
SLVSE94D – SEPTEMBER 2018 – REVISED AUGUST 2019
www.ti.com
Product Folder Links: TPS2663
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
10.2.2.5.1
Support Component Selections— RPGOOD and C(IN)
The RPGOOD serves as pull-up for the open-drain output. The current sink by this pin must not exceed 10 mA (see
the Absolute Maximum Ratings table). Typical resistance value in the range of 10 kΩ to 100 kΩ is recommended
for RPGOOD. Connect PGOOD directly to the EN pin of the DC-DC converter. Figure 47 and Figure 49 illustrate
the power up and power down performance of the system respectively. The CIN is a local bypass capacitor to
suppress noise at the input. A minimum of 1 µF is recommended for C(IN) for limit the slew rates during the surge
test.
10.2.2.6 Selecting Q1, Q2 and TVS Clamp for Surge Protection
For ±500-V, 2-Ω surge, typically a SMC sized TVS like SMCJ36CA clamps the voltage around ±55 V. During the
negative surge strike, the input voltage VIN_SYSspikes to –55 V. This results in a voltage stress of –(55 V + 24 V)
= –79 V across the external blocking FET Q1. Choose at least a 80-V rated N-channel FET. B_GATE drive is in
the range of 10 V to 14 V. Select a suitable FET with the target RDSON specified at this gate drive voltage. The
fast pull down gate switch Q2 pulls down the GATE of the Q1 during the reverse current event appearing during
the surge test. Q2 should be atleast 15-V VDS rated FET with a maximum VGS rating of 20-V , Ciss <= 50 pF
and VGTH(min)
≤ 3 V. CSD19537Q3 and BSS138 are selected for Q1 and Q2 respectively. Figure 50 and
Figure 51 illustrate the performance of the system during the surge testing.
10.2.3 Application Curves
Figure 44. Hot-Plug In at 24-V Supply
Figure 45. Voltage Interruption Response With TPS26630
Figure 46. Voltage Interruption Response With TPS26630
(Zoomed)
Figure 47. Power Up Followed With Voltage Interruption
With TPS26630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com