Electronic Components Datasheet Search
  English  ▼

X  

TPS2663 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2663
Description  TPS2663x 60-V, 6-A Power Limiting, Surge Protection Industrial eFuse
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2663 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TPS2663 Datasheet HTML 24Page - Texas Instruments TPS2663 Datasheet HTML 25Page - Texas Instruments TPS2663 Datasheet HTML 26Page - Texas Instruments TPS2663 Datasheet HTML 27Page - Texas Instruments TPS2663 Datasheet HTML 28Page - Texas Instruments TPS2663 Datasheet HTML 29Page - Texas Instruments TPS2663 Datasheet HTML 30Page - Texas Instruments TPS2663 Datasheet HTML 31Page - Texas Instruments TPS2663 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 53 page
background image
R1
R2
R3
TPS26632/33/35/36
CdVdT
RILIM
RIMON
R4
R5
Protected supply
To Load
Load Monitor
ON/OFF Control
IN
B_GATE
DRV
IN_SYS
UVLO
PLIM
MODE
GND
OUT
PGTH
PGOOD
FLT
SHDN
IMON
ILIM
dVdT
4.5 V - 60 V
Optional components
for RCB and RPP
31
PŸ
COUT
28
TPS2663
SLVSE94D – SEPTEMBER 2018 – REVISED AUGUST 2019
www.ti.com
Product Folder Links: TPS2663
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Feature Description (continued)
During an over power load event the TPS26633, TPS26635 and TPS26636 allows the extra power for a
maximum duration of tCB(dly), 25.5 msec (typical). The maximum power during this time is limited to VOUT x 2 x IOL
where IOL is the overload current limit set by the R(ILIM) resistor. After the tCB(dly) time, the output power gets
limited to the value programmed by the PLIM resistor. Set the power limit using Equation 6.
P(PLIM) = 1 x R(PLIM)
(6)
Here P(PLIM) is output power limit in watts, R(PLIM) is the power limit setting resistor in kΩ. Figure 37 and Figure 38
illustrate output power limiting performance of TPS26632 and TPS26633 devices respectively.
Refer to Figure 20 for more information on tCB(dly) and tCL_PLIM(dly) parameter measurement information.
Figure 36. TPS26632, TPS26633, TPS26635 and TPS26636 Typical Application Schematic
RPLIM = 100 kΩ
RILIM = 3 kΩ
Figure 37. 100 W Class 2, Output Power Limiting
Response of TPS26632
RPLIM = 100 kΩ
RILIM = 3 kΩ
Figure 38. 100 W Class 2, Output Power Limiting
Response of TPS26633



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com