Electronic Components Datasheet Search
  English  ▼

X  

TPS2663 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2663
Description  TPS2663x 60-V, 6-A Power Limiting, Surge Protection Industrial eFuse
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2663 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS2663 Datasheet HTML 7Page - Texas Instruments TPS2663 Datasheet HTML 8Page - Texas Instruments TPS2663 Datasheet HTML 9Page - Texas Instruments TPS2663 Datasheet HTML 10Page - Texas Instruments TPS2663 Datasheet HTML 11Page - Texas Instruments TPS2663 Datasheet HTML 12Page - Texas Instruments TPS2663 Datasheet HTML 13Page - Texas Instruments TPS2663 Datasheet HTML 14Page - Texas Instruments TPS2663 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
Temperature (qC)
-50
0
50
100
150
3.5
3.75
4
4.25
4.5
4.75
D016
V(IN_SYS) = 4.5 V
V(IN_SYS) = 24 V
V(IN_SYS) = 60 V
Supply Voltage (V)
0
5
10
15
20
25
30
35
40
45
50
55
60
6
9
12
15
18
21
24
27
30
33
36
39
42
45
48
D023
TA = 125qC
TA = 85qC
TA = 25qC
TA = -40qC
Temperature (qC)
-50
0
50
100
150
8.5
9
9.5
10
10.5
11
D014
V(IN_SYS) = 4.5 V
V(IN_SYS) = 24 V
V(IN_SYS) = 60 V
Temperature (qC)
-50
0
50
100
150
18.5
19
19.5
20
20.5
D015
V(IN_SYS) = 4.5 V
V(IN_SYS) = 24 V
V(IN_SYS) = 60 V
Temperature (qC)
-60
-30
0
30
60
90
120
150
0
15
30
45
60
75
D002
ILOAD = 0.6 A
ILOAD = 6 A
Temperature (qC)
-50
0
50
100
150
30
32
34
36
38
40
42
D006
TPS26632, TPS26633, TPS26636
TPS26635
11
TPS2663
www.ti.com
SLVSE94D – SEPTEMBER 2018 – REVISED AUGUST 2019
Product Folder Links: TPS2663
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
7.7 Typical Characteristics
–40°C
≤ TA = TJ ≤ +125°C, V(IN_SYS) = V(IN) = 24 V, V(SHDN) = 2 V, R(ILIM) = 30 kΩ, IMON = PGOOD = FLT = OPEN, C(OUT) = 1
μF, C(dVdT) = OPEN. (Unless stated otherwise)
Figure 1. On-Resistance vs Temperature Across Load
Current
Figure 2. Overvoltage Clamp Threshold vs Temperature
Figure 3. B_GATE Drive Voltage vs Temperature
Figure 4. B_GATE Drive Current vs Temperature
Figure 5. B_GATE Pull Down Drive Voltage vs Temperature
Figure 6. Input Supply Current vs Supply Voltage in
Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com