Electronic Components Datasheet Search
  English  ▼

X  

TPS2663 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2663
Description  TPS2663x 60-V, 6-A Power Limiting, Surge Protection Industrial eFuse
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2663 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TPS2663 Datasheet HTML 28Page - Texas Instruments TPS2663 Datasheet HTML 29Page - Texas Instruments TPS2663 Datasheet HTML 30Page - Texas Instruments TPS2663 Datasheet HTML 31Page - Texas Instruments TPS2663 Datasheet HTML 32Page - Texas Instruments TPS2663 Datasheet HTML 33Page - Texas Instruments TPS2663 Datasheet HTML 34Page - Texas Instruments TPS2663 Datasheet HTML 35Page - Texas Instruments TPS2663 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
:
ILIM
OL
18
R
9k
I
CIN
1 µF
R1
R2
R3
TPS26630/31
CdVdT
RILIM
R4
499 k
R5
56 k
ON/OFF Control
IN
B_GATE
DRV
IN_SYS
UVLO
OVP
MODE
GND
OUT
PGTH
PGOOD
FLT
SHDN
IMON
ILIM
dVdT
V(IN_SYS): 18 V ± 33 V
RPGOOD
24 k
DC-DC
Converter
VIN
EN
Q1
CSD19537Q3
Q2
BSS138
D1
SMCJ36CA
887 k
29.4 k
34 k
100 nF
9.09 k
COUT
1 mF
32
TPS2663
SLVSE94D – SEPTEMBER 2018 – REVISED AUGUST 2019
www.ti.com
Product Folder Links: TPS2663
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Typical Application: Power Path Protection in a PLC System (continued)
according to IEC 61000-4-2, burst pulses (EFT) according to IEC 61000- 4-4, energy single pulse (surge)
according to IEC 61000-4-5, voltage drops and interruptions. Figure 42 shows a system block diagram of PLC
controller unit along with the input protection socket. The TPS2663x devices offer a plug and play input
protection solution for such applications. For more information about this end equipment refer to the TI
application site on Programmable Logic Controller (PLC), DCS & PAC: CPU (PLC Controller).
Figure 43. 24-V, 2-A eFuse Input Protection Circuit for Industrial PLC, CNC CPU
10.2.1 Design Requirements
Table 3 shows the Design Requirements for TPS2663x.
Table 3. Design Requirements
DESIGN PARAMETER
EXAMPLE VALUE
V(IN)
Typical input voltage
24 V
V(UV)
Undervoltage lockout set point
18 V
V(OV)
Overvoltage cutoff set point
33 V
I(LIM)
Overload Current limit
2 A
I(INRUSH)
Inrush Current limit
500 mA
P(OUT)
Output Load
15 W (DC-DC) with 15 V VINminDC-DC
T(FAIL_TR)
Power Interruption time
10 msec
P(Surge)
IEC61000-4-5 Surge test level
± 500 V, 2 Ω generator impedance
10.2.2 Detailed Design Procedure
10.2.2.1 Programming the Current-Limit Threshold—R(ILIM) Selection
The R(ILIM) resistor at the ILIM pin sets the overload current limit, this can be set using Equation 8.
where
•
ILIM = 2 A
(8)
Choose the closest standard 1% resistor value : R(ILIM) = 9.09 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com