Electronic Components Datasheet Search
  English  ▼

X  

EM78P5830AM Datasheet(PDF) 16 Page - ELAN Microelectronics Corp

Part # EM78P5830AM
Description  8-BIT MICRO-CONTROLLER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P5830AM Datasheet(HTML) 16 Page - ELAN Microelectronics Corp

Back Button EM78P5830AM Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 20Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
EM785830AA
8-bit Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to be changed without notice.
14
12/1/2004
V1.6
Bit 2(ADRES) : Resolution selection for ADC
0
ADC is 8-bit resolution
When 8-bit resolution is selected, the most significant(MSB) 8-bit data output of the internal 10-bit ADC
will be mapping to RB PAGE1 so R7 PAGE1 bit 4 ~5 will be of no use.
1
ADC is 10-bit resolution
When 10-bit resolution is selected, 10-bit data output of the internal 10-bit ADC will be exactly mapping
to RB PAGE1 and R7 PAGE1 bit 4 ~5.
Bit 3 : (undefined) not allowed to use
Bit 4 ~ Bit 5(AD8 ~ AD9) : The most significant 2 bit of 10-bit ADC conversion output data
Combine these two bits and RB PAGE1 as complete 10-bit ADC conversion output data.
Bit 6 ~ Bit 7: (undefined) not allowed to use.
PAGE2 : (undefined) not allowed to use
PAGE3 (DT1H: the Most Significant Byte ( Bit 1 ~ Bit 0 ) of Duty Cycle of PWM1)
7
6
5
4
3
2
1
0
-
-
-
-
-
-
PWM1[9] PWM1[8]
R/W-0
R/W-0
Bit 0 ~ Bit 1 (PWM1[8] ~ PWM1[9]): The Most Significant Byte of PWM1 Duty Cycle
A specified value keeps the PWM1 output to stay at high until the value matches with TMR1.
Bit 2
Bit 7 : unused
R8 (Data RAM address, PWM1 period)
PAGE0: (undefined) not allowed to use
PAGE1 (Data RAM address register)
7
6
5
4
3
2
1
0
RAM_A7 RAM_A6 RAM_A5 RAM_A4 RAM_A3 RAM_A2 RAM_A1 RAM_A0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Bit 0 ~ Bit 7 (RAM_A0 ~ RAM_A7) : data RAM address
The data RAM bank’s selection is from R7 PAGE1 bit0 (RAM_B0).
PAGE2: (undefined) not allowed to use)
PAGE3(PRD1): Period of PWM1
7
6
5
4
3
2
1
0
PRD1[7]
PRD1[6]
PRD1[5]
PRD1[4]
PRD1[3]
PRD1[2]
PRD1[1]
PRD1[0]
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
The content of this register is a period (time base) of PWM1. The frequency of PWM1 is the reverse of the
period.
R9 (PORT9 I/O data, Data RAM data buffer)
PAGE0 (PORT9 I/O data register)
7
6
5
4
3
2
1
0
P97
P96
P95
P94
P93
P92
P91
P90
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit 0 ~ Bit 7 (P90 ~ P97) : 8-bit PORT9(0~7) I/O data register
User can use IOC register to define input or output each bit.
PAGE1 (Data RAM data register)
7
6
5
4
3
2
1
0
RAM_D7 RAM_D6 RAM_D5 RAM_D4 RAM_D3 RAM_D2 RAM_D1 RAM_D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit 0 ~ Bit 7 (RAM_D0 ~ RAM_D7) : Data RAM’s data register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com