Electronic Components Datasheet Search
  English  ▼

X  

EM78P5830AM Datasheet(PDF) 12 Page - ELAN Microelectronics Corp

Part # EM78P5830AM
Description  8-BIT MICRO-CONTROLLER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P5830AM Datasheet(HTML) 12 Page - ELAN Microelectronics Corp

Back Button EM78P5830AM Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 16Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
EM785830AA
8-bit Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to be changed without notice.
10
12/1/2004
V1.6
Fsco=0.895MHz/2
If PLL is disabled, the instruction clock is 32.768kHz/2
Fsco=32.768kHz/2.
Bit 3 (SCES) : SPI clock edge selection bit
1
Data shifts out on falling edge, and shifts in on rising edge. Data is hold during the high level.
0
Data shifts out on rising edge, and shifts in on falling edge. Data is hold during the low level.
Bit 4 (SE) : SPI shift enable bit
1
Start to shift, and keep on 1 while the current byte is still being transmitted.
0
Reset as soon as the shifting is complete, and the next byte is ready to shift.
<Note> This bit has to be reset in software.
Bit 5 (SRO) : SPI read overflow bit
1
A new data is received while the previous data is still being hold in the SPIB register. In this situation,
the data in SPIS register will be destroyed. To avoid setting this bit, users had better to read SPIB
register even if the transmission is implemented only.
0
No overflow,
<Note> This can only occur in slave mode.
Bit 6 (SPIE) : SPI enable bit
1
Enable SPI mode
0
Disable SPI mode
Bit 7 (RBF) : SPI read buffer full flag
1
Receive is finished, SPIB is full.
0
Receive is not finish yet, SPIB is empty.
Bit 0
SPI module
SCK
Bit7
Salve Device
SPIR register
SDI
SPIW register
SPIS Reg
SDO
SDO
SCK
SDI
Master Device
R5 page1
Fig.4 Single SPI Master / Salve Communication
Fig. 4 shows how SPI to communicate with other device by SPI module. If SPI is a master controller, it
sends clock through the SCK pin. An 8-bit data is transmitted and received at the same time. If SPI,
however, is defined as a slave, its SCK pin could be programmed as an input pin. Data will continue to be
shifted on a basis of both the clock rate and the selected edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com