Electronic Components Datasheet Search
  English  ▼

X  

EM78P5830AM Datasheet(PDF) 29 Page - ELAN Microelectronics Corp

Part # EM78P5830AM
Description  8-BIT MICRO-CONTROLLER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P5830AM Datasheet(HTML) 29 Page - ELAN Microelectronics Corp

Back Button EM78P5830AM Datasheet HTML 25Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 26Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 27Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 28Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 29Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 33Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
EM785830AA
8-bit Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to be changed without notice.
27
12/1/2004
V1.6
VII.4 I/O Port
The I/O registers are bi-directional tri-state I/O ports. The I/O ports can be defined as "input" or "output" pins by
the I/O control registers under program control. The I/O data registers and I/O control registers are both readable
and writable. The I/O interface circuit is shown in Fig.11.
Fig.11_1 The circuit of I/O port and I/O control register
PIN
120
ohm
VDD
VDD
VDD
pull
high
Fig.11_2 The input/output circuit of EM785830AA input/output ports
M
U
X
0
1
PDRD
PDWR
CLK
C
L
P
R
D
Q
Q
CLK
C
L
P
R
D
Q
Q
PCWR
IOD
PCRD
PORT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com