Electronic Components Datasheet Search
  English  ▼

X  

EM78P5830AM Datasheet(PDF) 22 Page - ELAN Microelectronics Corp

Part # EM78P5830AM
Description  8-BIT MICRO-CONTROLLER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P5830AM Datasheet(HTML) 22 Page - ELAN Microelectronics Corp

Back Button EM78P5830AM Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 20Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 21Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 22Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 23Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 24Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 25Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 26Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
EM785830AA
8-bit Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to be changed without notice.
20
12/1/2004
V1.6
Fig.8 Block diagram of TCC WDT
IOC5 (Unused)
PAGE0 (Unused)
7
6
5
4
3
2
1
0
0
0
0
X
X
X
X
X
R/W
R/W
R/W
-
-
-
-
-
Bit0~4 : (undefined) not allowed to use
Bit5~Bit7(Unused) : These three bits must clear to 0 or MCU power consumption will increase.
The default value in these 3 bits are “1”. Please clear them to “0” when init MCU.
PAGE1 (undefined) not allowed to use.(This page is not sure to 0 or 1 )
IOC6 (PORT6 I/O control, P6* pins switch control)
PAGE0 (PORT6 I/O control register)
7
6
5
4
3
2
1
0
IOC67
IOC66
IOC65
IOC64
IOC63
IOC62
0
0
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
Bit0~Bit1 (Unused) : These two bits must clear to 0 or MCU power consumption will increase.
The default value in these 2 bits are “1”. Please clear them to “0” when init MCU.
Bit 2 ~ Bit 7 (IOC62 ~ IOC67) : PORT6(0~7) I/O direction control register
0
put the relative I/O pin as output
1
put the relative I/O pin into high impedance
16.38KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com