Electronic Components Datasheet Search
  English  ▼

X  

EM78P5830AM Datasheet(PDF) 28 Page - ELAN Microelectronics Corp

Part # EM78P5830AM
Description  8-BIT MICRO-CONTROLLER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P5830AM Datasheet(HTML) 28 Page - ELAN Microelectronics Corp

Back Button EM78P5830AM Datasheet HTML 24Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 25Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 26Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 27Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 28Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 29Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 32Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
EM785830AA
8-bit Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to be changed without notice.
26
12/1/2004
V1.6
Bit 6 (RBF) : SPI’s RBF interrupt mask
0/1
disable/enable interrupt
Bit 7(PWM2) : PWM2 one period reach interrupt mask.
IOCF (Interrupt mask)
(Interrupt mask register)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
INT3
-
-
-
INT0
CNT2
CNT1
TCIF
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Bit 0 ~ 3 ; Bit 7 : interrupt enable bit
0
disable interrupt
1
enable interrupt
Bit 4~Bit6 : (remain these values to “0”othwise it will generate unpredicted interrupts)
The status after interrupt and the interrupt sources list as the table below.
Interrupt signal
GREEN mode
NORMAL mode
RA(7,6)=(x,0)
no SLEP
RA(7,6)=(x,1)
no SLEP
TCC time out
IOCF bit0=1
And "ENI"
Interrupt
(jump to address 8 at
page0)
Interrupt
(jump to address 8 at
page0)
COUNTER1 time out
IOCF bit1=1
And "ENI"
Interrupt
(jump to address 8 at
page0)
Interrupt
(jump to address 8 at
page0)
COUNTER2 time out
IOCF bit2=2
And "ENI"
Interrupt
(jump to address 8 at
page0)
Interrupt
(jump to address 8 at
page0)
PORT70; 3
IOCF bit3 bit7 =1
And "ENI"
Interrupt
(jump to address 8 at
page0)
Interrupt
(jump to address 8 at
page0)
RBF
IOCE bit6 = 1
And “ENI
Interrupt <ps>
(jump to address 8 at
page0)
Interrupt
(jump to address 8 at
page0)
ADI
IOCE bit5 = 1
And “ENI
No function
Interrupt
(jump to address 8 at
page0)
PWM1
IOCE bit4 = 1
And “ENI
Interrupt <ps>
(jump to address 8 at
page0)
Interrupt
(jump to address 8 at
page0)
PWM2
IOCE bit7 = 1
And “ENI
Interrupt <ps>
(jump to address 8 at
page0)
Interrupt
(jump to address 8 at
page0)
<Note> PORT70 's interrupt function is controlled by IOCF bit 3. It's falling edge or rising edge trigger
(controlled by CONT register bit7).
PORT73 's interrupt function is controlled by IOCF bit 7. They are falling edge trigger.
ADI interrupt source function is controlled by RE PAGE0 bit 5. It is rising edge trigger after ADC
sample complete.
<ps> It only happens when master and 16.386kHz mode is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com