Electronic Components Datasheet Search
  English  ▼

X  

EM78P5830AM Datasheet(PDF) 33 Page - ELAN Microelectronics Corp

Part # EM78P5830AM
Description  8-BIT MICRO-CONTROLLER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P5830AM Datasheet(HTML) 33 Page - ELAN Microelectronics Corp

Back Button EM78P5830AM Datasheet HTML 29Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 33Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 34Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 37Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
EM785830AA
8-bit Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to be changed without notice.
31
12/1/2004
V1.6
VII.9 Code Option
CODE Option Register
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
1
MER
Bit 3(MER) : Memory error recover function
0
disable memory error recover function
1
enable memory error recovery function
If user enable memory error recovery function, MCU will improve effect from environment noise.
Bit 9: This bit must set to 1.
Bit10 ~ Bit11 : These 2 bits must clear to 0.
VII.10 Dual sets of PWM (Pulse Width Modulation)
(1) Overview
In PWM mode, both PWM1 and PWM2 pins produce up to a 10-bit resolution PWM output (see. Fig.12
for the functional block diagram). A PWM output has a period and a duty cycle, and it keeps the output in
high. The baud rate of the PWM is the inverse of the period. Fig.13 depicts the relationships between a
period and a duty cycle.
Data Bus
Data Bus
PRD1
Comparator
Comparator
TMR1H + TMR1L
S
RQ
MUX
Duty Cycle
Match
Period
Match
PWM1
T1P0 T1P1 T1EN
IOC6
PRD2
Comparator
Comparator
S
RQ
MUX
Duty Cycle
Match
Period
Match
PWM2
T2P0 T2P1 T2EN
IOC6
To PWM1IF
To PWM2IF
reset
reset
latch
latch
1:2
1:8
1:32
Fosc
1:64
1:2
1:8
1:32
Fosc
1:64
TMR2H + TMR2L
DT2H
+
DT2L
DT2H
+
DT2L
DL2H + DL2L
DL2H + DL2L
Fig.12 The Functional Block Diagram of the Dual PWMs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com